Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1047-300-EVALZ Datasheet(PDF) 82 Page - Analog Devices

Part # ADP1047-300-EVALZ
Description  Digital Power Factor Correction Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047-300-EVALZ Datasheet(HTML) 82 Page - Analog Devices

Back Button ADP1047-300-EVALZ Datasheet HTML 76Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 77Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 78Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 79Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 80Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 81Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 82Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 83Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 82 of 84
Table 164. Register 0xFE99—Debug Flag 3
Bits
Bit Name
R/W
Description
7
VIN_OV_FAULT
R
1 = input voltage on VAC is larger than the value in VIN_OV_FAULT_LIMIT (Register 0x55).
6
VCORE_OV
R
1 = an overvoltage condition is present on the VCORE rail.
5
PIN_OP_WARN
R
1 = input overpower warning.
4
AC_PERIOD
R
1 = controller is not able to detect the ac line period; the maximum value of the period is used
and this flag is set.
3
IIN_OC_WARN
R
1 = input current measured on the CS ADC is larger than the value in IIN_OC_WARN_LIMIT
(Register 0x5D).
2
IIN_OC_FAULT
R
1 = input current measured on the CS ADC is larger than the value in IIN_OC_FAULT_LIMIT
(Register 0x5B).
1
FAST_OCP
R
1 = the threshold set for the comparator on the ILIM pin has been crossed.
0
INPUT
R
1 = input voltage, input current, or input power fault or warning.
Table 165. Register 0xFE9A—Debug Flag 4
Bits
Bit Name
R/W
Description
7
OLP
R
1 = one of the two voltage dividers is probably disconnected or malfunctioning.
6
FAST_OVP
R
1 = the threshold set for the comparator on the OVP pin has been crossed.
5
VOUT_UV_FAULT
R
1 = output voltage is below the VOUT_UV_FAULT_LIMIT (Register 0x44).
4
VOUT_UV_WARN
R
1 = output voltage is below the VOUT_UV_WARN_LIMIT (Register 0x43).
3
VOUT_OV_WARN
R
1 = output voltage is above the VOUT_OV_WARN_LIMIT (Register 0x42).
2
VOUT_OV_FAULT
R
1 = output voltage is above the VOUT_OV_FAULT_LIMIT (Register 0x40).
1
VOUT_OV
R
General output overvoltage fault: this flag is a combination (OR) of any output overvoltage flag
(Register 0x7A, Bit 7 and Register 0xFE80, Bit 4 (FAST_OVP)).
0
VOUT
R
1 = any fault on output voltage (overvoltage, undervoltage, fast OVP, or accurate OVP).
Table 166. Register 0xFE9B—Debug Flag 5
Bits
Bit Name
R/W
Description
[7:3]
RSVD
R
Reserved.
2
LOW_POWER
R
1 = input power has dropped below the threshold for low power mode operation.
1
VDD_3.3V_UV
R
1 = an undervoltage condition is present on the VDD rail.
0
INRUSH
R
1 = INRUSH control relay is off.


Similar Part No. - ADP1047-300-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043AACPZ-RL AD-ADP1043AACPZ-RL Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046-100-EVALZ AD-ADP1046-100-EVALZ Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results

Similar Description - ADP1047-300-EVALZ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com