Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1047-300-EVALZ Datasheet(PDF) 72 Page - Analog Devices

Part # ADP1047-300-EVALZ
Description  Digital Power Factor Correction Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047-300-EVALZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADP1047-300-EVALZ Datasheet HTML 68Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 69Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 70Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 71Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 72Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 73Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 74Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 75Page - Analog Devices ADP1047-300-EVALZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 72 of 84
LOW POWER MODE OPERATION THRESHOLD REGISTER
Table 111. Register 0xFE32—Low Power Mode Operation Threshold
Bits
Bit Name
R/W
Description
[7:0]
Low power threshold
R/W
These bits set the threshold value (PTH) for low power mode detection. When the input power is
lower than this value, the PFC enters low power mode.
POWER METERING OFFSET TRIM FOR LOW LINE INPUT REGISTER
Table 112. Register 0xFE33—Power Metering Offset Trim for Low Line Input
Bits
Bit Name
R/W
Description
7
Offset trim polarity
R/W
1 = negative offset trim is introduced.
0 = positive offset trim is introduced.
[6:0]
Power meter offset
trim
R/W
This value calibrates the power meter offset at the low line input voltage. Each LSB corresponds
to 0.0625/128 of the full input power.
POWER METERING GAIN TRIM FOR LOW LINE INPUT REGISTER
Table 113. Register 0xFE34—Power Metering Gain Trim for Low Line Input
Bits
Bit Name
R/W
Description
7
Gain trim polarity
R/W
1 = negative gain trim is introduced.
0 = positive gain trim is introduced.
[6:0]
Power meter gain trim
R/W
This value calibrates the power meter gain at the low line input voltage. Each LSB corresponds
to 0.0625/128 of the input power.
HIGH LINE LIMIT REGISTER
Table 114. Register 0xFE35—High Line Limit
Bits
Bit Name
R/W
Description
[7:0]
VAC high line
threshold
R/W
When the input voltage is higher than this value, the current loop filter for high line input is used.
LOW LINE LIMIT REGISTER
Table 115. Register 0xFE36—Low Line Limit
Bits
Bit Name
R/W
Description
[7:0]
VAC low line threshold
R/W
When the input voltage is lower than this value, the current loop filter for low line input is used.
ILIM_TRIM REGISTER
This register must be unlocked for write access; see Table 61.
Table 116. Register 0xFE37—ILIM_TRIM
Bits
Bit Name
R/W
Description
[7:5]
RSVD
R
Reserved.
4
Trim current direction
R/W
1 = source trim current (ILIM + ILIM_TRIM).
0 = sink trim current (ILIM − ILIM_TRIM).
[3:0]
ILIM trim
R/W
These bits set the trim current. Each LSB corresponds to ILIM/64.
VOLTAGE LOOP OUTPUT REGISTER
Table 117. Register 0xFE38—Voltage Loop Output
Bits
Bit Name
R/W
Description
[7:0]
Voltage loop output
R
Return the output of the voltage control loop.


Similar Part No. - ADP1047-300-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043AACPZ-RL AD-ADP1043AACPZ-RL Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046-100-EVALZ AD-ADP1046-100-EVALZ Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results

Similar Description - ADP1047-300-EVALZ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com