Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4697E Datasheet(PDF) 5 Page - Analog Devices

Part # ADN4697E
Description  3.3 V, 100 Mbps, Half- and Full-Duplex
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4697E Datasheet(HTML) 5 Page - Analog Devices

  ADN4697E Datasheet HTML 1Page - Analog Devices ADN4697E Datasheet HTML 2Page - Analog Devices ADN4697E Datasheet HTML 3Page - Analog Devices ADN4697E Datasheet HTML 4Page - Analog Devices ADN4697E Datasheet HTML 5Page - Analog Devices ADN4697E Datasheet HTML 6Page - Analog Devices ADN4697E Datasheet HTML 7Page - Analog Devices ADN4697E Datasheet HTML 8Page - Analog Devices ADN4697E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADN4690E/ADN4692E/ADN4694E/ADN4695E
Rev. A | Page 5 of 20
Table 4. Test Voltages for Type 2 Receiver
Applied Voltages
Input Voltage, Differential
Input Voltage, Common Mode
Receiver Output
VA (V)
VB (V)
VID (V)
VIC (V)
RO
2.4
0
2.4
1.2
H
0
2.4
−2.4
1.2
L
3.475
3.325
0.15
3.4
H
3.425
3.375
0.05
3.4
L
−0.925
−1.075
0.15
−1
H
−0.975
−1.025
0.05
−1
L
TIMING SPECIFICATIONS
VCC = 3.0 V to 3.6 V; TA = TMIN to TMAX, unless otherwise noted.1
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
100
Mbps
Propagation Delay
tPLH, tPHL
2
2.5
3.5
ns
See Figure 23, Figure 26
Differential Output Rise/Fall Time
tR, tF
2
2.6
3.2
ns
See Figure 23, Figure 26
Pulse Skew |tPHL − tPLH|
tSK
30
150
ps
See Figure 23, Figure 26
Part-to-Part Skew
tSK(PP)
0.9
ns
See Figure 23, Figure 26
Period Jitter, rms (One Standard Deviation)2
tJ(PER)
2
3
ps
50 MHz clock input3 (see Figure 25)
Peak-to-Peak Jitter2, 4
tJ(PP)
150
ps
100 Mbps 215 − 1 PRBS input5
(see Figure 28)
Disable Time from High Level
tPHZ
4
7
ns
See Figure 24, Figure 27
Disable Time from Low Level
tPLZ
4
7
ns
See Figure 24, Figure 27
Enable Time to High Level
tPZH
4
7
ns
See Figure 24, Figure 27
Enable Time to Low Level
tPZL
4
7
ns
See Figure 24, Figure 27
RECEIVER
Propagation Delay
tRPLH, tRPHL
2
6
ns
CL = 15 pF (see Figure 29, Figure 32)
Rise/Fall Time
tR, tF
1
2.3
ns
CL = 15 pF (see Figure 29, Figure 32)
Pulse Skew |tRPHL – tRPLH|
CL = 15 pF (see Figure 29, Figure 32)
Type 1 Receiver (ADN4690E, ADN4692E)
tSK
100
300
ps
Type 2 Receiver (ADN4694E, ADN4695E)
tSK
300
500
ps
Part-to-Part Skew6
tSK(PP)
1
ns
CL = 15 pF (see Figure 29, Figure 32)
Period Jitter, rms (One Standard Deviation)2
tJ(PER)
4
7
ps
50 MHz clock input3 (see Figure 31)
Peak-to-Peak Jitter2, 4
100 Mbps 215 − 1 PRBS input5
(see Figure 34)
Type 1 Receiver (ADN4690E, ADN4692E)
tJ(PP)
200
700
ps
Type 2 Receiver (ADN4694E, ADN4695E)
tJ(PP)
225
800
ps
Disable Time from High Level
tRPHZ
6
10
ns
See Figure 30, Figure 33
Disable Time from Low Level
tRPLZ
6
10
ns
See Figure 30, Figure 33
Enable Time to High Level
tRPZH
10
15
ns
See Figure 30, Figure 33
Enable Time to Low Level
tRPZL
10
15
ns
See Figure 30, Figure 33
1
All typical values are given for VCC = 3.3 V and TA = 25°C.
2
Jitter parameters are guaranteed by design and characterization. Values do not include stimulus jitter.
3
tR = tF = 0.5 ns (10% to 90%), measured over 30,000 samples.
4
Peak-to-peak jitter specifications include jitter due to pulse skew (tSK).
5
tR = tF = 0.5 ns (10% to 90%), measured over 100,000 samples.
6
HP4194A impedance analyzer or equivalent.


Similar Part No. - ADN4697E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4697E AD-ADN4697E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4697E AD-ADN4697E Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
ADN4697E AD-ADN4697E Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4697E AD-ADN4697E Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4697E AD-ADN4697E Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4697E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4691E AD-ADN4691E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com