Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1046ACPZ-RL Datasheet(PDF) 80 Page - Analog Devices

Part # ADP1046ACPZ-RL
Description  Digital Controller for Isolated
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-RL Datasheet(HTML) 80 Page - Analog Devices

Back Button ADP1046ACPZ-RL Datasheet HTML 76Page - Analog Devices ADP1046ACPZ-RL Datasheet HTML 77Page - Analog Devices ADP1046ACPZ-RL Datasheet HTML 78Page - Analog Devices ADP1046ACPZ-RL Datasheet HTML 79Page - Analog Devices ADP1046ACPZ-RL Datasheet HTML 80Page - Analog Devices ADP1046ACPZ-RL Datasheet HTML 81Page - Analog Devices ADP1046ACPZ-RL Datasheet HTML 82Page - Analog Devices ADP1046ACPZ-RL Datasheet HTML 83Page - Analog Devices ADP1046ACPZ-RL Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 80 of 96
Table 112. Register 0x70—Dead Time Configuration
Bits
Bit Name
R/W
Description
[7:6]
Averaging period
R/W
These bits specify the averaging period for the CS1 current used to set the adaptive dead time. It is
recommended that the averaging time be set to a value much greater than any transient condition.
Bit 7
Bit 6
Averaging Period
0
0
2.5 ms
0
1
1.2 ms
1
0
600 μs
1
1
Reserved
[5:3]
Update rate
R/W
The ADT algorithm adjusts the dead time in steps of 5 ns. These bits are used to program the
number of PWM switching cycles between each step. The number is calculated as 2N + 1 where
N is the 3-bit value specified by these bits. If N = 6 (110), each PWM edge is adjusted by 5 ns every
26 + 1 = 65 switching cycles.
[2:0]
Multiplier
R/W
These bits specify the programming step for Register 0x69 to Register 0x6F, Bits[6:4] and Bits[2:0].
Bit 2
Bit 1
Bit 0
Multiplier
0
0
0
5
0
0
1
10
0
1
0
15
0
1
1
20
1
0
0
25
1
0
1
30
1
1
0
35
1
1
1
40
SOFT START FILTER PROGRAMMING REGISTERS
Table 113. Register 0x71—Soft Start Digital Filter LF Gain Setting
Bits
Bit Name
R/W
Description
[7:0]
LF gain setting
R/W
This register determines the low frequency gain of the loop response. Programmable over a 20 dB
range. Each LSB corresponds to a 0.3 dB increase. See Figure 57.
Table 114. Register 0x72—Soft Start Digital Filter Zero Setting
Bits
Bit Name
R/W
Description
[7:0]
Zero setting
R/W
This register determines the position of the final zero. See Figure 57.
Table 115. Register 0x73—Soft Start Digital Filter Pole Setting
Bits
Bit Name
R/W
Description
[7:0]
Pole location
R/W
This register determines the position of the final pole. See Figure 57.
Table 116. Register 0x74—Soft Start Digital Filter HF Gain Setting
Bits
Bit Name
R/W
Description
[7:0]
HF gain setting
R/W
This register determines the high frequency gain of the loop response. Programmable over a 20 dB
range. Each LSB corresponds to a 0.3 dB increase. See Figure 57.


Similar Part No. - ADP1046ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A-100-EVALZ AD-ADP1046A-100-EVALZ Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-R7 AD-ADP1046AACPZ-R7 Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-RL AD-ADP1046AACPZ-RL Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046ADC1-EVALZ AD-ADP1046ADC1-EVALZ Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
More results

Similar Description - ADP1046ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
[Old version datasheet]   UCD3138x Highly-Integrated Digital Controller For Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com