Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5606 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5606
Description  1800 MHz to 2700 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606 Datasheet(HTML) 4 Page - Analog Devices

  ADL5606 Datasheet HTML 1Page - Analog Devices ADL5606 Datasheet HTML 2Page - Analog Devices ADL5606 Datasheet HTML 3Page - Analog Devices ADL5606 Datasheet HTML 4Page - Analog Devices ADL5606 Datasheet HTML 5Page - Analog Devices ADL5606 Datasheet HTML 6Page - Analog Devices ADL5606 Datasheet HTML 7Page - Analog Devices ADL5606 Datasheet HTML 8Page - Analog Devices ADL5606 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADL5606
Rev. 0 | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER-DOWN INTERFACE
DISABLE pin
Logic Level to Enable
VDISABLE decreasing
0
1.1
V
Logic Level to Disable
VDISABLE increasing
1.4
5
V
DISABLE Pin Current
VDISABLE = 5 V
1.4
mA
VCC1 Pin Current1
VDISABLE = 5 V
4.2
mA
Enable Time
10% of control pulse to 90% of RFOUT
75
ns
Disable Time
10% of control pulse to 90% of RFOUT
20
ns
POWER INTERFACE
RFOUT pin
Supply Voltage
4.75
5
5.25
V
Supply Current
362
390
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
+0/−25
mA
1 VCC1 is the supply to the DUT through the RFOUT pins.
TYPICAL SCATTERING PARAMETERS
VCC1 = 5 V and TA = 25°C; the effects of the test fixture have been de-embedded up to the pins of the device.1
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
1000
−5.94
1.63
25.77
42.78
−64.90
91.56
−1.68
179.86
1050
−7.09
−24.39
25.28
25.40
−63.13
114.08
−1.63
179.29
1100
−7.74
−48.66
24.68
10.90
−58.63
108.53
−1.54
178.87
1150
−7.94
−69.86
23.97
−1.40
−58.57
98.35
−1.53
178.32
1200
−7.82
−87.28
23.32
−12.01
−59.58
114.37
−1.53
177.95
1250
−7.46
−100.72
22.71
−21.44
−55.02
106.02
−1.46
177.27
1300
−7.06
−111.67
22.14
−29.87
−52.50
102.74
−1.45
176.60
1350
−6.70
−120.51
21.64
−37.10
−54.05
91.45
−1.43
176.34
1400
−6.38
−126.95
21.16
−44.03
−53.01
111.40
−1.39
175.90
1450
−6.08
−133.47
20.75
−50.61
−51.79
83.98
−1.35
175.36
1500
−5.76
−138.12
20.33
−56.84
−53.89
111.28
−1.38
174.93
1550
−5.47
−142.70
19.98
−62.62
−53.41
117.99
−1.35
174.51
1600
−5.24
−146.61
19.67
−68.33
−53.37
76.10
−1.34
174.16
1650
−5.02
−150.10
19.36
−73.72
−51.35
87.47
−1.30
173.84
1700
−4.76
−153.11
19.07
−79.01
−50.65
92.39
−1.26
173.35
1750
−4.58
−155.89
18.79
−83.92
−50.70
83.18
−1.24
173.01
1800
−4.42
−158.41
18.52
−88.97
−51.02
92.52
−1.23
172.59
1850
−4.25
−160.75
18.28
−93.94
−50.59
93.13
−1.23
172.28
1900
−4.11
−162.84
18.01
−98.66
−50.81
82.49
−1.21
171.75
1950
−3.97
−164.79
17.78
−103.29
−50.52
90.57
−1.18
171.61
2000
−3.82
−166.56
17.56
−107.86
−52.43
75.32
−1.19
171.19
2050
−3.72
−168.58
17.34
−112.42
−49.77
80.61
−1.17
170.99
2100
−3.61
−170.35
17.13
−116.91
−50.35
81.31
−1.16
170.70
2150
−3.50
−172.01
16.90
−121.14
−49.72
83.35
−1.16
170.44
2200
−3.42
−173.71
16.68
−125.59
−50.21
87.74
−1.16
170.09
2250
−3.36
−175.63
16.47
−129.80
−47.59
82.95
−1.17
169.84
2300
−3.28
−177.44
16.27
−134.15
−47.62
88.25
−1.14
169.46
2350
−3.23
−179.05
16.02
−138.14
−48.93
79.29
−1.16
169.27
2400
−3.23
179.33
15.79
−142.35
−49.37
83.50
−1.18
169.01
2450
−3.19
177.86
15.58
−146.40
−48.09
75.23
−1.18
168.72
2500
−3.15
176.27
15.37
−150.40
−47.72
78.72
−1.16
168.34
2550
−3.17
174.60
15.15
−154.46
−47.40
76.72
−1.18
168.15


Similar Part No. - ADL5606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5606 AD-ADL5606 Datasheet
611Kb / 18P
   RF Driver Amplifier
ADL5606-EVALZ AD-ADL5606-EVALZ Datasheet
611Kb / 18P
   RF Driver Amplifier
ADL5606ACPZ-R7 AD-ADL5606ACPZ-R7 Datasheet
611Kb / 18P
   RF Driver Amplifier
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
   RF Driver Amplifier
More results

Similar Description - ADL5606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADCA5190 AD-ADCA5190 Datasheet
883Kb / 22P
   5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5191 AD-ADCA5191 Datasheet
967Kb / 24P
   5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
logo
Skyworks Solutions Inc.
SKY13399-468LF SKYWORKS-SKY13399-468LF Datasheet
947Kb / 11P
   10 to 2700 MHz DPx3T Switch
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com