Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8675 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8675
Description  30 V, Low Noise, Rail-to-Rail
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 4 Page - Analog Devices

  AD8675 Datasheet HTML 1Page - Analog Devices AD8675 Datasheet HTML 2Page - Analog Devices AD8675 Datasheet HTML 3Page - Analog Devices AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADA4084-2
Data Sheet
Rev. A | Page 4 of 24
VSY = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage1
VOS
SOIC package
100
μV
−40°C ≤ TA ≤ +125°C
250
μV
MSOP package
130
μV
−40°C ≤ TA ≤ +125°C
250
μV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
0.5
1.75
μV/°C
Offset Voltage Matching
Channel A vs. Channel B, TA = 25°C
150
μV
Input Bias Current
IB
140
300
nA
−40°C ≤ TA ≤ +125°C
450
nA
Input Offset Current
IOS
25
nA
−40°C ≤ TA ≤ +125°C
50
nA
Input Voltage Range
−5
+5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±4 V
106
124
dB
VCM = ±5 V, −40°C ≤ TA ≤ +125°C
76
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, −4 V ≤ VO ≤ 4 V
108
112
dB
RL = 2 kΩ, −40°C ≤ TA ≤ +125°C
103
dB
Input Impedance, Differential
100||1.1
kΩ||pF
Input Impedance, Common-Mode
200||2.5
MΩ||pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
4.9
4.95
V
−40°C ≤ TA ≤ +125°C
4.8
V
RL = 2 kΩ to VCM
4.8
4.85
V
−40°C ≤ TA ≤ +125°C
4.7
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
−4.95
−4.9
V
−40°C ≤ TA ≤ +125°C
−4.8
V
RL = 2 kΩ to VCM
−4.95
−4.8
V
−40°C ≤ TA ≤ +125°C
−4.7
V
Short Circuit Current
ISC
−24/+17
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = ±2 V to ±18 V
110
120
dB
−40°C ≤ TA ≤ +125°C
105
dB
Supply Current/Amplifier
ISY
IO = 0 mA
595
700
µA
−40°C ≤ TA ≤ +125°C
1000
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ to VCM
2.4
3.7
V/µs
Gain Bandwidth Product
GBP
VIN = 5 mV p-p, RL = 10 kΩ, AV = 100
15.9
MHz
Unity-Gain Crossover
UGC
VIN = 5 mV p-p, RL = 10 kΩ, AV = 1
9.6
MHz
Phase Margin
ΦM
85
Degrees
−3 dB Closed-Loop Bandwidth
−3 dB
AV = 1, VIN = 5 mV p-p
13.9
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.14
µV p-p
Voltage Noise Density
en
f = 1 kHz
3.9
nV/√Hz
Current Noise Density
in
0.55
pA/√Hz
1
Offset Voltage does not include solder heat resistance.


Similar Part No. - AD8675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8675 AD-AD8675 Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675 AD-AD8675 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8675 AD-AD8675 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD8675 AD-AD8675 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
More results

Similar Description - AD8675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4084-2 AD-ADA4084-2_13 Datasheet
800Kb / 28P
   30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
REV. C
ADA4084-1 AD-ADA4084-1 Datasheet
975Kb / 35P
   30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
AD8605 AD-AD8605_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8608 AD-AD8608_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
logo
Analog Devices
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com