Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

000-47000 Datasheet(PDF) 16 Page - Amphenol Corporation

Part # 000-47000
Description  BNC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

000-47000 Datasheet(HTML) 16 Page - Amphenol Corporation

Back Button 000-47000 Datasheet HTML 8Page - Amphenol Corporation 000-47000 Datasheet HTML 9Page - Amphenol Corporation 000-47000 Datasheet HTML 10Page - Amphenol Corporation 000-47000 Datasheet HTML 11Page - Amphenol Corporation 000-47000 Datasheet HTML 12Page - Amphenol Corporation 000-47000 Datasheet HTML 13Page - Amphenol Corporation 000-47000 Datasheet HTML 14Page - Amphenol Corporation 000-47000 Datasheet HTML 15Page - Amphenol Corporation 000-47000 Datasheet HTML 16Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
120
Cable Group Listing
Cable Group Listing
Cable Group Cable Type
A
RG-178, 196
B
RG-174, 188A, 316, Belden 7805
B1
RG-179, 187, Belden 9221
B2
RD-188/U, RD-316/U
B3
RD-179/U, AT&T 19224L2
C
RG-58, 58A, 58C, 141, 303, LMR195, Belden 7806A, 9907
C1
RG-55, 142, 223, 400
C2
LMR200, Belden 7807A
D
RG-58/U Plenum, Thinnet, RG-122/U, Belden 88240, 89907
E
RG-59, 62, 140, 210, Belden 8241, 8263, 8279, 9209
E1
RG-59/U 20 AWG center conductor, Belden 1426A, 1505A, 9100, 9278
E2
RD-59/U, Belden 8281, 9141, 9231
E3
RG-59/U Quad Shield, Belden 1152A
F
RG-59/U Plenum, Belden 1560A, 9259, 82259, 89259, 88241
F1
RG-59/U Plenum 20 AWG center conductor, Belden 82108
G1
RG-6, 143, 212
G2
8X, LMR240, Belden 7808A, 9258
G3
LMR400, Belden 7810A, 8214, 9913
G4
RG-8, 8A, 9, 87A, 213, 214, 225, 393
G5
RD-6/U
H
RG-11
H1
Belden 1694A, 9248
H2
Belden 1859A, 7731, 8213, 9292
H3
RG-54A/U
I
AT&T 734A, Belden 1505A
I2
AT&T 735A, Belden 735A1
J
Quad 59 headend cable
K
LMR600
K2
Belden 1695A
K3
RG-122, 180, 195, Belden 1855, 1865A, 8218
L
.141 semi-rigid, RG-402/U
L2
.085, .086, .087 semi-rigid, RG-405/U
L3
.250 semi-rigid
L4
.047 semi-rigid, Belden 1674
M
1/2 inch annular corrugated
M1
1 1/4 inch annular corrugated
M2
1 5/8 inch annular corrugated
M3
7/8 inch annular corrugated
N
1/4 Helical
N1
3/8 Helical
N2
1/2 Helical
N3
7/8 inch SFC
P1
.81 mm OD micro-cable
P2
1.13 mm OD micro-cable, TCB-068
P3
1.32 mm OD micro-cable
P4
1.37 mm OD micro-cable


Similar Part No. - 000-47000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-10400 AMPHENOL-000-10400 Datasheet
4Mb / 6P
   MHV Connectors
000-12650 AMPHENOL-000-12650 Datasheet
4Mb / 6P
   MHV Connectors
logo
Amphenol RF.
000-15875 RF-000-15875 Datasheet
149Kb / 1P
   BNC CRIMP PLUG FOR .070"-.092" RG-161/U, 178/U CABLE
07-May-21
logo
Amphenol Corporation
000-16050 AMPHENOL-000-16050 Datasheet
86Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
000-16075 AMPHENOL-000-16075 Datasheet
75Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
More results

Similar Description - 000-47000

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
HBC335R744 WINCHESTER-HBC335R744 Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
logo
Adam Technologies, Inc.
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com