Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8476BRMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8476BRMZ
Description  Low Power, Unity Gain, Fully
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476BRMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8476BRMZ Datasheet HTML 2Page - Analog Devices AD8476BRMZ Datasheet HTML 3Page - Analog Devices AD8476BRMZ Datasheet HTML 4Page - Analog Devices AD8476BRMZ Datasheet HTML 5Page - Analog Devices AD8476BRMZ Datasheet HTML 6Page - Analog Devices AD8476BRMZ Datasheet HTML 7Page - Analog Devices AD8476BRMZ Datasheet HTML 8Page - Analog Devices AD8476BRMZ Datasheet HTML 9Page - Analog Devices AD8476BRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8476
Data Sheet
Rev. B | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
INN
1
+VS 2
VOCM
3
+OUT
4
INP
8
–VS
7
NC
6
–OUT
5
AD8476
TOP VIEW
(Not to Scale)
NOTES
1. PINS LABELED NC CAN BE ALLOWED
TO FLOAT, BUT IT IS BETTER TO CONNECT
THESE PINS TO GROUND. AVOID ROUTING
HIGH SPEED SIGNALS THROUGH THESE
PINS BECAUSE NOISE COUPLING MAY RESULT.
Figure 3. 8-Lead MSOP Pin Configuration
Table 4. 8-Lead MSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INN
Negative Input .
2
+VS
Positive Supply.
3
VOCM
Output Common-Mode Adjust.
4
+OUT
Noninverting Output.
5
−OUT
Inverting Output.
6
NC
This pin is not connected internally (see Figure 3).
7
−VS
Negative Supply.
8
INP
Positive Input.


Similar Part No. - AD8476BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8476BRMZ AD-AD8476BRMZ Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
AD8476BRMZ-R7 AD-AD8476BRMZ-R7 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
AD8476BRMZ-RL AD-AD8476BRMZ-RL Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
More results

Similar Description - AD8476BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
   Unity gain level programmable low power compandor
1997 Nov 07
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
   Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
   Unity-Gain Stable
03/25/14
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Analog Devices
AD8276 AD-AD8276 Datasheet
542Kb / 20P
   Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com