Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB83C515A-5M18-T3 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # SAB83C515A-5M18-T3
Description  8-Bit CMOS Single-Chip Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB83C515A-5M18-T3 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button SAB83C515A-5M18-T3 Datasheet HTML 6Page - Siemens Semiconductor Group SAB83C515A-5M18-T3 Datasheet HTML 7Page - Siemens Semiconductor Group SAB83C515A-5M18-T3 Datasheet HTML 8Page - Siemens Semiconductor Group SAB83C515A-5M18-T3 Datasheet HTML 9Page - Siemens Semiconductor Group SAB83C515A-5M18-T3 Datasheet HTML 10Page - Siemens Semiconductor Group SAB83C515A-5M18-T3 Datasheet HTML 11Page - Siemens Semiconductor Group SAB83C515A-5M18-T3 Datasheet HTML 12Page - Siemens Semiconductor Group SAB83C515A-5M18-T3 Datasheet HTML 13Page - Siemens Semiconductor Group SAB83C515A-5M18-T3 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
SAB 80C515A/83C515A-5
Semiconductor Group
9
XTAL1
40
37
-
XTAL1
Output of the inverting oscillator amplifier.
To drive the device from an external clock
source, XTAL2 should be driven, while XTAL1
is left unconnected. There are no require-
ments on the duty cycle of the external clock
signal, since the input to the internal clok-
king circuitry is divided down by a divide-by-
two flip-flop. Minimum and maximum high and
low times and rise/fall times specified in the
AC characteristics must be taken into account.
P2.0-P2.7 41-48
38-45
I/O
Port 2
is an 8-bit bidirectional I/O port with internal
pullup resistors. Port 2 pins that have 1's
written to them are pulled high by the internal
pullup resistors, and in that state can be used
as inputs. As inputs, port 2 pins being
externally pulled low will source current (I IL, in
the DC characteristics) because of the internal
pullup resistors.
Port 2 emits the high-order address byte
during fetches from external program memory
and during accesses to external data memory
that use 16-bit addresses (MOVX@DPTR). In
this application it uses strong internal pullup
resistors when issuing 1's. During accesses to
external data memory that use 8-bit
addresses (MOVX@Ri), port 2 issues the
contents of the P2 special function register.
PSEN
49
47
O
The Program Store Enable
output is a control signal that enables the
external program memory to the bus during
external fetch operations. It is activated every
six oscillator periods, except during external
data memory accesses. The signal remains
high during internal program execution.
ALE
50
48
O
The Address Latch enable
output is used for latching the address into
external memory during normal operation. It is
activated every six oscillator periods, except
during an external data memory access.
Pin Definitions and Functions (cont’d)
Symbol
Pin
P-LCC-68
Pin
P-MQFP-80
Input (I)
Output (O)
Function


Similar Part No. - SAB83C515A-5M18-T3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB83C515A-5 INFINEON-SAB83C515A-5 Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
More results

Similar Description - SAB83C515A-5M18-T3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com