Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C166 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # 80C166
Description  16-Bit CMOS Single-Chip Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

80C166 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button 80C166 Datasheet HTML 3Page - Siemens Semiconductor Group 80C166 Datasheet HTML 4Page - Siemens Semiconductor Group 80C166 Datasheet HTML 5Page - Siemens Semiconductor Group 80C166 Datasheet HTML 6Page - Siemens Semiconductor Group 80C166 Datasheet HTML 7Page - Siemens Semiconductor Group 80C166 Datasheet HTML 8Page - Siemens Semiconductor Group 80C166 Datasheet HTML 9Page - Siemens Semiconductor Group 80C166 Datasheet HTML 10Page - Siemens Semiconductor Group 80C166 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
6
P3.0 –
P3.15
80-92,
95-97
80
81
82
83
84
85
86
87
88
89
90
91
92
95
96
97
I/O
I/O
I
O
I
O
I
I
I
I
O
I/O
O
I/O
O
O
I
O
Port 3 is a 16-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-impedance
state.
The following Port 3 pins also serve for alternate functions:
P3.0
T0IN
CAPCOM Timer T0 Count Input
P3.1
T6OUT GPT2 Timer T6 Toggle Latch Output
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
P3.3
T3OUT GPT1 Timer T3 Toggle Latch Output
P3.4
T3EUD GPT1 Timer T3 Ext.Up/Down Ctrl.Input
P3.5
T4IN
GPT1 Timer T4 Input for
Count/Gate/Reload/Capture
P3.6
T3IN
GPT1 Timer T3 Count/Gate Input
P3.7
T2IN
GPT1 Timer T2 Input for
Count/Gate/Reload/Capture
P3.8
TxD1
ASC1 Clock/Data Output (Asyn./Syn.)
P3.9
RxD1
ASC1 Data Input (Asyn.) or I/O (Syn.)
P3.10
T
×D0
ASC0 Clock/Data Output (Asyn./Syn.)
P3.11
R
×D0
ASC0 Data Input (Asyn.) or I/O (Syn.)
P3.12
BHE
Ext. Memory High Byte Enable Signal
P3.13
WR
External Memory Write Strobe
P3.14
READY Ready Signal Input
P3.15
CLKOUT System Clock Output (=CPU Clock)
P0.0 –
P0.15
98 – 5
8 – 15
I/O
Port 0 is a 16-bit bidirectional IO port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-impedance
state.
In case of an external bus configuration, Port 0 serves as the
address (A) and address/data (AD) bus in multiplexed bus
modes and as the data (D) bus in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0.0 – P0.7:
D0 – D7
D0 - D7
P0.8 – P0.15:
output!
D8 - D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0.0 – P0.7:
AD0 – AD7
AD0 - AD7
P0.8 – P0.15:
A8 - A15
AD8 - AD15
V
AREF
54
-
Reference voltage for the A/D converter.
V
AGND
55
-
Reference ground for the A/D converter.
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input
Output
Function


Similar Part No. - 80C166

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
80C10C TEKTRONIX-80C10C Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
80C11B TEKTRONIX-80C11B Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
80C12B TEKTRONIX-80C12B Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
80C14 TEKTRONIX-80C14 Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
80C15 TEKTRONIX-80C15 Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - 80C166

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C161V SIEMENS-C161V Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
C167CR SIEMENS-C167CR Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SABC161RI-L16M SIEMENS-SABC161RI-L16M Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com