Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8293 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8293
Description  Wide Supply Range, Micropower,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8293 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8293 Datasheet HTML 6Page - Analog Devices AD8293 Datasheet HTML 7Page - Analog Devices AD8293 Datasheet HTML 8Page - Analog Devices AD8293 Datasheet HTML 9Page - Analog Devices AD8293 Datasheet HTML 10Page - Analog Devices AD8293 Datasheet HTML 11Page - Analog Devices AD8293 Datasheet HTML 12Page - Analog Devices AD8293 Datasheet HTML 13Page - Analog Devices AD8293 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8420
Data Sheet
Rev. 0 | Page 10 of 28
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–5
0
5
10
15
20
25
30
35
40
INPUT VOLTAGE (V)
VS = +5V
G = 1
VOUT
IIN
Figure 9. Input Overvoltage Performance, G = 1
3
2
1
0
–1
–2
–3
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–20
–15
–10
–5
0
5
10
15
20
25
INPUT VOLTAGE (V)
VS = ±15V
G = 1
VOUT
IIN
Figure 10. Input Overvoltage Performance, G = 1, VS = ±15 V
6
5
4
3
2
1
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–5
0
5
10
15
20
25
30
35
40
INPUT VOLTAGE (V)
VS = 5V
G = 100
VOUT
IIN
Figure 11. Input Overvoltage Performance, G = 100
15
10
5
0
–5
–10
–15
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–20
–15
–10
–5
0
5
10
15
20
25
INPUT VOLTAGE (V)
VS = ±15V
G = 100
VOUT
IIN
Figure 12. Input Overvoltage Performance, G = 100, VS = ±15 V
15
10
5
0
–5
–10
–20
–15
–1.2 –1.0 –0.8 –0.6 –0.4 –0.2
0
0.2 0.4 0.6 0.8 1.0 1.2
OUTPUT VOLTAGE (V)
0.0V, +12.8V
0.0V, –15.1V
–1.0V, +12.3V
–1.0V, –14.6V
+1.0V, –14.6V
+1.0V, +12.3V
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
G = 1, VS = ±15 V
3.0
2.5
2.0
1.5
1.0
0.5
–0.5
0
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT VOLTAGE (V)
+4mV, +2.8V
+4mV, –0.1V
+1.0V, +0.4V
+1.0V, +2.3V
Figure 14. Input Common-Mode Voltage vs. Output Voltage, G = 1, VS = 5 V


Similar Part No. - AD8293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8293 AD-AD8293 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8293 AD-AD8293 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8293 AD-AD8293 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
AD8293 AD-AD8293 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
AD8293G160 AD-AD8293G160 Datasheet
391Kb / 16P
   Low Cost, Zero-Drift In-Amp with Filter and Fixed Gain
REV. 0
More results

Similar Description - AD8293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
logo
SHANGHAI BELLING CO., L...
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
   Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
   Wide range of supply voltages
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com