Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5696R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5696R
Description  Quad 16-/14-/12-Bit nanoDAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5696R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5696R Datasheet HTML 5Page - Analog Devices AD5696R Datasheet HTML 6Page - Analog Devices AD5696R Datasheet HTML 7Page - Analog Devices AD5696R Datasheet HTML 8Page - Analog Devices AD5696R Datasheet HTML 9Page - Analog Devices AD5696R Datasheet HTML 10Page - Analog Devices AD5696R Datasheet HTML 11Page - Analog Devices AD5696R Datasheet HTML 12Page - Analog Devices AD5696R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5696R/AD5695R/AD5694R
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Internal Reference Voltage vs. Temperature (Grade B)
Figure 6. Internal Reference Voltage vs. Temperature (Grade A)
Figure 7. Reference Output Temperature Drift Histogram
Figure 8. Reference Long-Term Stability/Drift
Figure 9. Internal Reference Noise Spectral Density vs. Frequency
Figure 10. Internal Reference Noise, 0.1 Hz to 10 Hz
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
–40
–20
0
20
40
60
80
120
100
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE DRIFT (ppm/°C)
VDD = 5V
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
0 HOUR
168 HOURS
500 HOURS
1000 HOURS
VDD = 5.5V
1600
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
1M
FREQUENCY (MHz)
VDD = 5V
TA = 25°C
CH1 10µV
M1.0s
A CH1
160mV
1
T
VDD = 5V
TA = 25°C


Similar Part No. - AD5696R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5696R AD-AD5696R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5696R AD-AD5696R Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5696RACPZ-RL7 AD-AD5696RACPZ-RL7 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5696RARUZ AD-AD5696RARUZ Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results

Similar Description - AD5696R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5683R AD-AD5683R Datasheet
882Kb / 28P
   Tiny 16-/14-/12-Bit SPI nanoDAC
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5693R AD-AD5693R Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com