Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8222 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8222
Description  Wide Supply Range, Rail-to-Rail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8222 Datasheet HTML 6Page - Analog Devices AD8222 Datasheet HTML 7Page - Analog Devices AD8222 Datasheet HTML 8Page - Analog Devices AD8222 Datasheet HTML 9Page - Analog Devices AD8222 Datasheet HTML 10Page - Analog Devices AD8222 Datasheet HTML 11Page - Analog Devices AD8222 Datasheet HTML 12Page - Analog Devices AD8222 Datasheet HTML 13Page - Analog Devices AD8222 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8426
Rev. 0 | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
12
11
10
9
5
678
13
14
15
16
–IN1
+IN1
RG1
RG1
AD8426
–IN2
+IN2
RG2
RG2
Figure 2. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN1
Negative Input, In-Amp 1
2
RG1
Gain-Setting Resistor Terminal, In-Amp 1
3
RG1
Gain-Setting Resistor Terminal, In-Amp 1
4
+IN1
Positive Input, In-Amp 1
5
+VS
Positive Supply
6
REF1
Reference Adjust, In-Amp 1
7
REF2
Reference Adjust, In-Amp 2
8
−VS
Negative Supply
9
+IN2
Positive Input, In-Amp 2
10
RG2
Gain-Setting Resistor Terminal, In-Amp 2
11
RG2
Gain-Setting Resistor Terminal, In-Amp 2
12
−IN2
Negative Input, In-Amp 2
13
−VS
Negative Supply
14
OUT2
Output, In-Amp 2
15
OUT1
Output, In-Amp 1
16
+VS
Positive Supply


Similar Part No. - AD8222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8222 AD-AD8222 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD8222 AD-AD8222 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD8222 AD-AD8222 Datasheet
417Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD8222 AD-AD8222 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8222 AD-AD8222 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
More results

Similar Description - AD8222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com