Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB80C515A-N18-T3 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SAB80C515A-N18-T3
Description  8-Bit CMOS Single-Chip Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C515A-N18-T3 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SAB80C515A-N18-T3 Datasheet HTML 1Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 2Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 3Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 4Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 5Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 6Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
Semiconductor Group
1
08.95
High-Performance
SAB 80C515A / 83C515A-5
8-Bit CMOS Single-Chip Microcontroller
Preliminary
SAB 83C515A-5
Microcontroller with factory mask-programmable ROM
SAB 80C515A
Microcontroller for external ROM
q
SAB 80C515A / 83C515A-5, up to 18 MHz operation frequency
q
32 K
× 8 ROM (SAB 83C515A-5 only, ROM-Protection available)
q
256
× 8 on-chip RAM
q
Additional 1 K
× 8 on-chip RAM (XRAM)
q
Superset of SAB 80C51 architecture:
1
µs instruction cycle time at 12 MHz
666 ns instruction cycle time at 18 MHz
256 directly addressable bits
Boolean processor
64 Kbyte external data and program memory addressing
q
Three 16-bit timer/counters
q
Versatile "fail-safe" provisions
q
Twelve interrupt vectors, four priority levels selectable
q
Genuine 10-bit A/D converter with 8 multiplexed inputs
q
Full duplex serial interface with programmable Baudrate-Generator
q
Functionally compatible with SAB 80C515
q
Extended power saving mode
q
Fast Power-On Reset
q
Seven ports: 48 I/O lines, 8 input lines
q
Two temperature ranges available:
0 to 70
°C (T1)
– 40 to 85
°C (T3)
q
Plastic packages: P-LCC-68 and P-MQFP-80
The SAB 80C515A/83C515A-5 is a high-end member of the Siemens SAB 8051
microcontroller family. It is designed in Siemens ACMOS technology and based on the
SAB 8051 architecture. ACMOS is a technology which combines high-speed and density
characteristics with low-power consumption or dissipation.
While maintaining all the SAB 80C515 features and operating characteristics the
SAB 80C515A/83C515A-5 contains more on-chip RAM/ROM. Furthermore a new 10-bit A/D-
Converter is implemented as well as extended security mechanisms. The SAB 80C515A is
identical with the SAB 83C515A-5 except that it lacks the on-chip program memory. The
SAB 80C515A / 83C515A-5 is supplied in a 68-pin plastic leaded chip carrier package
(P-LCC- 68) and in a 80-pin plastic metric quad flat package (P-MQFP-80).
Versions for extended temperature range – 40 to + 110
∞C are available on request.


Similar Part No. - SAB80C515A-N18-T3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C515A-5 SIEMENS-SAB80C515A-5 Datasheet
1Mb / 108P
   8-Bit CMOS Single-Chip Microcontroller Family
More results

Similar Description - SAB80C515A-N18-T3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com