Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB80C166W-M-T3 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SAB80C166W-M-T3
Description  C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C166W-M-T3 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SAB80C166W-M-T3 Datasheet HTML 2Page - Siemens Semiconductor Group SAB80C166W-M-T3 Datasheet HTML 3Page - Siemens Semiconductor Group SAB80C166W-M-T3 Datasheet HTML 4Page - Siemens Semiconductor Group SAB80C166W-M-T3 Datasheet HTML 5Page - Siemens Semiconductor Group SAB80C166W-M-T3 Datasheet HTML 6Page - Siemens Semiconductor Group SAB80C166W-M-T3 Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C166W-M-T3 Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C166W-M-T3 Datasheet HTML 9Page - Siemens Semiconductor Group SAB80C166W-M-T3 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
SAB 80C166W/83C166W
Semiconductor Group
6
80 - 92,
95 - 97
80
81
82
83
84
85
86
87
88
89
90
91
92
95
96
97
P3.0 –
P3.15
I/O
I/O
I
O
I
O
I
I
I
I
O
I/O
O
I/O
O
O
I
O
Port 3 is a 16-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
The following Port 3 pins also serve for alternate functions:
P3.0
T0IN
CAPCOM Timer T0 Count Input
P3.1
T6OUT
GPT2 Timer T6 Toggle Latch Output
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
P3.3
T3OUT
GPT1 Timer T3 Toggle Latch Output
P3.4
T3EUD
GPT1 Timer T3 Ext.Up/Down Ctrl.Input
P3.5
T4IN
GPT1 Timer T4 Input for
Count/Gate/Reload/Capture
P3.6
T3IN
GPT1 Timer T3 Count/Gate Input
P3.7
T2IN
GPT1 Timer T2 Input for
Count/Gate/Reload/Capture
P3.8
TxD1
ASC1 Clock/Data Output (Asyn./Syn.)
P3.9
RxD1
ASC1 Data Input (Asyn.) or I/O (Syn.)
P3.10
T
×D0
ASC0 Clock/Data Output (Asyn./Syn.)
P3.11
R
×D0
ASC0 Data Input (Asyn.) or I/O (Syn.)
P3.12
BHE
Ext. Memory High Byte Enable Signal,
P3.13
WR
External Memory Write Strobe
P3.14
READY
Ready Signal Input
P3.15
CLKOUT
System Clock Output (=CPU Clock)
98 – 5
8 – 15
P0.0 –
P0.15
I/O
Port 0 is a 16-bit bidirectional IO port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
In case of an external bus configuration, Port 0 serves as the
address (A) and address/data (AD) bus in multiplexed bus
modes and as the data (D) bus in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0.0 – P0.7:
D0 – D7
D0 - D7
P0.8 – P0.15:
output!
D8 - D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0.0 – P0.7:
AD0 – AD7
AD0 - AD7
P0.8 – P0.15:
A8 - A15
AD8 - AD15
54
V
AREF
-
Reference voltage for the A/D converter.
55
V
AGND
-
Reference ground for the A/D converter.
Pin Definitions and Functions (cont’d)
Pin
No.
Symbol
Input (I)
Output (O)
Function


Similar Part No. - SAB80C166W-M-T3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C166W INFINEON-SAB80C166W Datasheet
878Kb / 67P
   High-Performance CMOS 16-Bit Microcontrollers
10.94
More results

Similar Description - SAB80C166W-M-T3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
C167 SIEMENS-C167 Datasheet
2Mb / 56P
   High-Performance CMOS 16-Bit Microcontrollers
logo
Infineon Technologies A...
SAB80C166W INFINEON-SAB80C166W Datasheet
878Kb / 67P
   High-Performance CMOS 16-Bit Microcontrollers
10.94
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com