Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SAB80C517 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. SAB80C517
Description  8-Bit CMOS Single-Chip Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

SAB80C517 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
SAB 80C517/80C537
Semiconductor Group
2
The SAB 80C517/80C537 is a high-end member of the Siemens SAB 8051 family of
microcontrollers. It is designed in Siemens ACMOS technology and based on the SAB 8051
architecture. ACMOS is a technology which combines high-speed and density characteristics
with low-power consumption or dissipation.
While maintaining all the SAB 80C515 features and operating characteristics the
SAB 80C517 is expanded in its arithmetic capabilities, "fail-safe" characteristics, analog signal
processing and timer capabilities. The SAB 80C537 is identical with the SAB 80C517 except
that it lacks the on-chip program memory. The SAB 80C517/SAB 80C537 is supplied in a
84 pin plastic leaded chip carrier package (P-LCC-84) and in a 100-pin plastic quad metric flat
package (P-MQFP-100-2).
Ordering Information
Type
Ordering Code Package
Description
8-bit CMOS Microcontroller
SAB 80C517-N
Q67120-C397
P-LCC-84
with factory mask-programma-
ble ROM, 12 MHz
SAB 80C517-M
TBD
P-MQFP-100-2
SAB 80C537-N
Q67120-C452
P-LCC-84
for external memory, 12 MHz
SAB 80C537-M
TBD
P-MQFP-100-2
SAB 80C517-N-T40/85
Q67120-C483
P-LCC-84
with factory mask-programma-
ble ROM, 12 MHz,
ext. temperature – 40 to 85
°C
SAB 80C517-M-T40/85
TBD
P-MQFP-100-2
SAB 80C537-N-T40/85
Q67120-C484
P-LCC-84
for external ROM, 12 MHz,
ext. temperature – 40 to 85
°C
SAB 80C537-M-T40/85
TBD
P-MQFP-100-2
SAB 80C517-N16
Q67120-C723
P-LCC-84
with mask-programmable
ROM,16 MHz ext. temperature
– 40 to 110
°C
SAB 80C517-M16
TBD
P-MQFP-100-2
SAB 80C537-N16
Q67120-C722
P-LCC-84
for external memory, 16 MHz
SAB 80C537-M16
TBD
P-MQFP-100-2
SAB 80C517-N16-T40/85 Q67120-C724
P-LCC-84
with mask-programmable ROM,
16 MHz
ext. temperature – 40 to 85
°C
SAB 80C517-16-N-T40/85 Q67120-C725
P-LCC-84
with factory mask-programma-
ble ROM, 12 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn