Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC59DB-600 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYC59DB-600
Description  Bipolar Power Product Selection Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC59DB-600 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYC59DB-600 Datasheet HTML 1Page - NXP Semiconductors BYC59DB-600 Datasheet HTML 2Page - NXP Semiconductors BYC59DB-600 Datasheet HTML 3Page - NXP Semiconductors BYC59DB-600 Datasheet HTML 4Page - NXP Semiconductors BYC59DB-600 Datasheet HTML 5Page - NXP Semiconductors BYC59DB-600 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thyristors
4-Quadrant Triacs
I
T(RMS)
(A)
V
DRM
(V)
I
GT (max)
(mA)
SOT54
(TO92)
SOT78
(TO220AB)
SOT78D
(internally
insulated
TO220AB)
SOT82
SOT186A
(isolated
TO220AB)
SOT223
SOT404
(D2PAK)
SOT428
(DPAK)
0.6
400
5/5/5/7
MAC97A6
600
5/5/5/7
MAC97A8
400 / 600
5/5/5/7
BT1306-D
0.8
400 / 600
5/5/5/7
BT1308-D
BT1308W-D
600
5/5/5/7
Z00607MA
1
600
3/3/3/7
BT131W
600 / 800
3/3/3/7
BT131
600 / 800
5/5/5/7
BT131-D
600 / 800
10/10/10/10
BT131-E
600 / 800
3/3/3/5
Z0103MA/NA
Z0103MN/NN
600 / 800
5/5/5/7
Z0107MA/NA
Z0107MN/NN
600 / 800
10/10/10/10
Z0109MA/NA
Z0109MN/NN
600 / 800
3/3/3/5
Z0103MA0/NA0**
Z0103MN0/NN0**
600 / 800
5/5/5/7
Z0107MA0/NA0**
Z0107MN0/NN0**
600 / 800
10/10/10/10
Z0109MA0/NA0**
Z0109MN0/NN0**
600
5/5/5/10
BT132-D*
4
600
D/E/-/G
BT134
800
E/-
BT134
600
D/-
BT136
BT136X
BT136S
600
F
BT136X
BT136S
600 / 800
E
BT136
BT136X
BT136B
BT136S
800
F
BT136S
800
-
BT136X
BT136S
6
600
F/-/G
BT236X
800
-/G
BT236X
8
600
D/-/G
BT137
BT137X
BT137S
600
E
BT137
BT137X
BT137B
BT137S
600
F
BT137X
BT137B
BT137S
800
E
BT137
BT137X
BT137S
800
F
BT137B
BT137S
800
-
BT137
BT137X
BT137B
800
G
BT137B
BT137S
12
600
D
BT138
BT138X
600
-/G
BT138
BT138X
BT138B
600
F
BT138X
BT138B
600 / 800
E
BT138
BT138Y
BT138X
BT138B
800
F
BT138X
800
-
BT138
BT138X
800
G
BT138
16
600
E/-
BT139
BT139X
BT139B
600
F
BT139X
BT139B
600
G
BT139X
BT139B
800
E
BT139
BT139B
800
F
BT139B
800
-
BT139
BT139X
BT139B
800
G
BT139
BT139B
20
600
50/50/50/75
MAC223A8X
25
400
50/50/50/75
MAC223A6
600 / 800
-
BTA140
* Large chip / high I
TSM
** Enhanced immunity to false triggering
I
GT key:
D 5 mA (10 mA in3+)
E 10 mA (25 mA in 3+)
F 25 mA (70 mA in 3+)
-
35 mA (70 mA in 3+)
G 50 mA (100 mA in 3+)
brb643
3-Quadrant
4-Quadrant
Type number
BTA312B-600CT
BT137X-600D
VDRM
High Tj max
150 °C
Gate sensitivity
IGT max:
D = 5/5/5 mA
E = 10/10/10 mA
F = 25/25/25 mA
C = 35/35/35 mA
B = 50/50/50 mA
Gate sensitivity
IGT max:
D
E
F
G
= 5/5/5/10 mA
= 10/10/10/25 mA
= 25/25/25/70 mA
= 35/35/35/70 mA
= 50/50/50100 mA
Package indentifier:
B
S
W
X
Y
= SOT78 (TO220AB)
= SOT404 (D2PAK)
= SOT428 (DPAK)
= SOT223
= SOT186A (isolated TO220AB)
= SOT78D (internally insulated TO220AB)
Triacs part numbering


Similar Part No. - BYC59DB-600

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
63Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
More results

Similar Description - BYC59DB-600

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com