Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

000-36800 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # 000-36800
Description  BNC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

000-36800 Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button 000-36800 Datasheet HTML 2Page - Amphenol Corporation 000-36800 Datasheet HTML 3Page - Amphenol Corporation 000-36800 Datasheet HTML 4Page - Amphenol Corporation 000-36800 Datasheet HTML 5Page - Amphenol Corporation 000-36800 Datasheet HTML 6Page - Amphenol Corporation 000-36800 Datasheet HTML 7Page - Amphenol Corporation 000-36800 Datasheet HTML 8Page - Amphenol Corporation 000-36800 Datasheet HTML 9Page - Amphenol Corporation 000-36800 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
110
Amphenol® RF:
800-627-7100
BNC
BNC
50Ω Cable Connectors
Straight Crimp Plugs
Cable
Plating
Termination
Group
Part Number
Body
Contact
Body
Contact
Grade
B
031-315
Nickel
Gold
Crimp
Crimp
Industrial
B
031-315-RFX
Nickel
Gold
Crimp
Crimp
Commercial
B1
031-242
Nickel
Gold
Crimp
Crimp
Industrial
B1
031-242-RFX
Nickel
Gold
Crimp
Crimp
Commercial
B2
031-315-1005
Nickel
Gold
Crimp
Crimp
Industrial
C
031-320
Nickel
Gold
Crimp
Crimp
Industrial
C
031-320-RFX
Nickel
Gold
Crimp
Crimp
Commercial
C
031-4320 (QPL)
Silver
Gold
Crimp
Crimp
Industrial
C
031-5800
Nickel
Gold
Crimp
Solder
Commercial
C1
031-326
Nickel
Gold
Crimp
Crimp
Industrial
C1
031-326-RFX
Nickel
Gold
Crimp
Crimp
Commercial
C1
031-4427 (QPL)
Silver
Gold
Crimp
Crimp
Industrial
D
031-320-1006
Nickel
Gold
Crimp
Crimp
Industrial
E
031-321
Nickel
Gold
Crimp
Solder
Industrial
E
031-321-RFX
Nickel
Gold
Crimp
Crimp
Commercial
E
031-4321 (QPL)
Silver
Gold
Crimp
Crimp
Industrial
E
031-5900
Nickel
Gold
Crimp
Solder
Commercial
E
000-68175-1005
Nickel
Gold
Crimp
Crimp
Industrial
E
000-68175-11RFX
Nickel
Gold
Crimp
Crimp
Commercial
E1
000-68175-5RFX
Nickel
Gold
Crimp
Crimp
Commercial
E2
031-321-1000
Nickel
Gold
Crimp
Crimp
Industrial
F
000-68175-1003
Nickel
Gold
Crimp
Crimp
Industrial
G2
031-5999-RFX
Nickel
Gold
Crimp
Crimp
Commercial
G2
031-6006
Nickel
Gold
Crimp
Crimp
Commercial
G3
031-5998-RFX
Nickel
Gold
Crimp
Crimp
Commercial
H2
031-4411
Nickel
Gold
Crimp
Crimp
Industrial
K3
031-325
Nickel
Gold
Crimp
Crimp
Industrial
Angle Crimp Plugs
Cable
Plating
Termination
Group
Part Number
Body
Contact
Body
Contact
Grade
B
031-316
Nickel
Gold
Crimp
Crimp
Industrial
C
031-335
Nickel
Gold
Crimp
Crimp
Industrial
C
031-335-RFX
Nickel
Gold
Crimp
Crimp
Commercial
E
031-336
Nickel
Gold
Crimp
Crimp
Industrial
E
031-336-RFX
Silver
Gold
Crimp
Crimp
Commercial
G2
031-6005-RFX
Nickel
Gold
Crimp
Solder
Commercial
G3
031-6004-RFX
Nickel
Gold
Solder
Crimp
Commercial


Similar Part No. - 000-36800

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-36500-RFX AMPHENOL-000-36500-RFX Datasheet
2Mb / 9P
   Type N Connectors
000-36775 AMPHENOL-000-36775 Datasheet
98Kb / 1P
   BODY - BRASS, NICKEL PLATING
logo
Amphenol RF.
000-36775 RF-000-36775 Datasheet
92Kb / 1P
   BNC PLUG QUICK CRIMP (FOR RG-58/U, 141/U CABLE)
27-Dec-10
More results

Similar Description - 000-36800

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
HBC335R744 WINCHESTER-HBC335R744 Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
logo
Adam Technologies, Inc.
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com