Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0109MN2AL2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # Z0109MN2AL2
Description  Standard 1A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109MN2AL2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button Z0109MN2AL2 Datasheet HTML 4Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 5Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 6Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 7Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 8Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 9Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 10Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 11Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Z01
Ordering information
Doc ID 7474 Rev 10
11/12
4
Ordering information
5
Revision history
Table 9.
Ordering information
Order code(1)
1.
xx = sensitivity, y = voltage
Marking(1)
Package
Weight
Base quantity
Delivery mode
Z01xxyA 1AA2
Z01xxyA
TO-92
0.2 g
2500
Bulk
Z01xxyA 2AL2
Z01xxyA
TO-92
0.2 g
2000
Ammopack
Z01xxyA 5AL2
Z01xxyA
TO-92
0.2 g
2000
Tape and reel
Z0103yN 5AA4
Z3y
SOT-223
0.12 g
1000
Tape and reel
Z0107yN 5AA4
Z7y
SOT-223
0.12 g
1000
Tape and reel
Z0109yN 5AA4
Z9y
SOT-223
0.12 g
1000
Tape and reel
Z0103MUF
Z3M
SMBflat-3L
46.78 mg
5000
Tape and reel
Z0107MUF
Z7M
SMBflat-3L
46.78 mg
5000
Tape and reel
Z0109MUF
Z9M
SMBflat-3L
46.78 mg
5000
Tape and reel
Table 10.
Document revision history
Date
Revision
Changes
Oct-2001
4
Last update.
10-Feb-2005
5
Package: TO-92 tape and reel delivery mode 5AL2 added.
09-May-2005
6
Table 4 on page 2: typo. mistake corrected
1. (dV/dt)c instead of (dI/dt)c
2. V/µs unit instead of A/ms
21-Apr-2006
7
Reformatted to current standard. Table 2 on page 2: Typo
corrected. Values for IGT split into two separate rows.
10-Oct-2006
8
Table 2: modified test conditions for (dV/dt)c. Changed “ambient”
to “lead or tab” in Figure 2.
20-Oct-2010
9
Package: SOT-223 13” tape and reel added = 6AA4
14-Dec-2010
10
Added package SMBflat-3L. Updated dimensions in Table 6.
Updated Figure 3 and Figure 12. Updated Table 5: Product
Selector.


Similar Part No. - Z0109MN2AL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0109MN2AL2 STMICROELECTRONICS-Z0109MN2AL2 Datasheet
74Kb / 8P
   1A TRIACS
Z0109MN2AL2 STMICROELECTRONICS-Z0109MN2AL2 Datasheet
96Kb / 9P
   1 A Triacs
More results

Similar Description - Z0109MN2AL2

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com