Electronic Components Datasheet Search |
|
RPMT00A0 Datasheet(PDF) 2 Page - Tyco Electronics |
|
RPMT00A0 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 4 page Accessories Industrial Power Relay RT / RP / SR2M and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm Accessories for RT 78 724, RT 78 726 Type Part Number RT 17 016 Plastic retaining clip, relay height 15.7 and 25.5 mm 1-1415038-1 RT 17 040 Marking tag 2-1415038-1 LED- and Protection Modules for RT 78 724, RT 78 726 Easy insertion of module into the socket Wiring in parallel to the coil Type Part Number PTM T0 0A0 Protection diode (A1+, A2-) 9-1415036-1 PTM T0 0L0 Protection diode (A1-, A2+) 0-1415037-1 PTM U0 524 RC-network 6...60 Vac 1-1415037-1 PTM U0 730 RC-network 110...230 Vac 2-1415037-1 PTM V0 524 Varistor 24 Vac 3-1415037-1 PTM V0 615 Varistor 115 Vac 6-1415365-1 PTM V0 730 Varistor 230 Vac 4-1415037-1 LED PTM L0 524 red LED 6...24 Vdc/Vac 6-1415036-1 PTM G0 524 green LED 6...24 Vdc/Vac 3-1415036-1 PTM L0 024 red LED 6...24 Vdc w. prot.diode (A1+, A2-) 5-1415036-1 PTM G0 024 green LED 6...24 Vdc w. prot.diode (A1+, A2-) 2-1415036-1 PTM L1 024 red LED 6...24 Vdc w. prot. diode (A1-, A2+) 8-1415036-1 PTM L0 730 red LED 110...230 Vac 7-1415036-1 PTM G0 730 green LED 110...230 Vac 4-1415036-1 F0231-A F0232-A Marking tags · White marking area 15.5 x 6 mm · Snaps on socket in up to 4 positions S0416-AC |
Similar Part No. - RPMT00A0 |
|
Similar Description - RPMT00A0 |