Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0103NA0412 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # Z0103NA0412
Description  Logic level four-quadrant triac
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103NA0412 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button Z0103NA0412 Datasheet HTML 3Page - NXP Semiconductors Z0103NA0412 Datasheet HTML 4Page - NXP Semiconductors Z0103NA0412 Datasheet HTML 5Page - NXP Semiconductors Z0103NA0412 Datasheet HTML 6Page - NXP Semiconductors Z0103NA0412 Datasheet HTML 7Page - NXP Semiconductors Z0103NA0412 Datasheet HTML 8Page - NXP Semiconductors Z0103NA0412 Datasheet HTML 9Page - NXP Semiconductors Z0103NA0412 Datasheet HTML 10Page - NXP Semiconductors Z0103NA0412 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Z0103NA0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 21 March 2011
7 of 14
NXP Semiconductors
Z0103NA0
4Q Triac
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+;
Tj =25 °C; see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2+ G-; Tj =25°C;
see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2- G-; Tj =25°C;
see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2- G+; Tj =25°C;
see Figure 7
0.2
-
5
mA
IL
latching current
VD =12V; IG = 0.1 A; T2+ G+;
Tj =25 °C; see Figure 8
--7
mA
VD =12V; IG = 0.1 A; T2+ G-; Tj =25°C;
see Figure 8
--20
mA
VD =12V; IG = 0.1 A; T2- G-; Tj =25°C;
see Figure 8
--7
mA
VD =12V; IG = 0.1 A; T2- G+; Tj =25°C;
see Figure 8
--7
mA
IH
holding current
VD =12V; Tj = 25 °C; see Figure 9
--7
mA
VT
on-state voltage
IT =1A; Tj =25°C; see Figure 10
-1.3
1.6
V
VGT
gate trigger voltage
VD =12V; IT =0.1 A; Tj =25°C;
see Figure 11
--1.3
V
VD =800 V; IT = 0.1 A; Tj = 125 °C;
see Figure 11
0.2
--V
ID
off-state current
VD =800 V; Tj = 125 °C
-
-
0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM = 536 V; Tj = 110 °C; gate open
circuit; exponential waveform;
see Figure 12
80
--V/µs
dVcom/dt
rate of change of
commutating voltage
VD =400 V; Tj =110 °C;
dIcom/dt = 0.44 A/ms; gate open circuit
0.5
--V/µs


Similar Part No. - Z0103NA0412

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
Z0103NA0 WEEN-Z0103NA0 Datasheet
383Kb / 13P
   4Q Triac
More results

Similar Description - Z0103NA0412

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com