Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTML1024 Datasheet(PDF) 4 Page - Tyco Electronics

Part # PTML1024
Description  Accessories Industrial Power Relay RT / RP / SR2M
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTML1024 Datasheet(HTML) 4 Page - Tyco Electronics

  PTML1024 Datasheet HTML 1Page - Tyco Electronics PTML1024 Datasheet HTML 2Page - Tyco Electronics PTML1024 Datasheet HTML 3Page - Tyco Electronics PTML1024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RP 78 601 Socket with PCB terminals,
pinning 3.5 mm
Z
Technical data
Rated current
12 A
Rated voltage
300 Vac
Dielectric strength coil/cont.
>5000 Vrms
Insulation cat. (VDE 0110b)
C / 250 Vac
Ambient temperature
-40...+80 °C
Packaging unit
100 pcs.
RP 78 602 Socket with PCB terminals,
pinning 5 mm
Z
Technical data
Rated current
1 pole
12 A
2 pole
2 x 12 A
Rated voltage
300 Vac
Dielectric strength coil/cont.
>5000 Vrms
Insulation cat. (VDE 0110b)
C / 250 Vac
Ambient temperature
-40...+80 °C
Packaging unit
100 pcs.
F0116-A
F0117-A
S0322-AD
S0322-AC
Marking tags
· White marking area 15.5 x 6 mm
· Snaps on socket in up to 4 positions
LED- and Protection Modules for RT 78 624, RT 78 625, RT 78 626 and
RP 78 623, RY 78 626
Easy insertion of module into the socket
Wiring in parallel to the coil
Type
Part Number
RPM T0 0A0
Protection diode 1N4007 1)
1-1393161-1
RPM U0 548
RC-network 24...48 Vac
1-1393161-3
RPM U0 730
RC-network 110...230 Vac
1-1393161-4
LED
RPM L0 024
red LED 12...24 Vdc w.prot.diode 1)
0-1393161-4
RPM G0 024
green LED 12...24 Vdc w.prot.diode 1)
0-1393161-3
RPM L0 524
red LED 12...48 Vdc / Vac
0-1393161-7
RPM G0 524
green LED 12...48 Vdc / Vac
2-1419152-4
RPM L0 110
red LED 60...110 Vdc w.prot.diode 1)
0-1393161-6
RPM G0 110
green LED 60...110 Vdc w.prot.diode 1)
2-1419152-3
RPM L0 730
red LED 110...230 Vac
0-1393161-8
RPM G0 730
green LED 110...230 Vac
2-1419152-5
1) Standard polarity: A1:+, A2:-
Accessories Industrial Power Relay RT / RP / SR2M
and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm
F0123-A
S0321-BF
Accessories for RT 78 624, RT 78 625, RT 78 626
Type
Part Number
RT 16 016
Plastic retaining clip RT, relay height 15.7 mm
3-1393161-3
RP 16 104
Plastic retaining clip RP, relay height 25.5 mm
1-1393161-8
RY 16 040
Marking tag
6-1393161-8
Socket with PCB terminals
Type
Part Number
RP 78 601
Socket with PCB terminals,pinning 3.5 mm
8-1393234-4
RP 78 602
Socket with PCB terminals,pinning 5 mm
8-1393234-5
Accessories for RP 78 601, RP 78 602
Type
Part Number
RT 16 041
Plastic retaining clip RT, relay height 15.7 mm
3-1393161-4
RP 16 100
Plastic retaining clip RP, relay height 25.5 mm
1-1393161-7
RT 28 516
Metal retaining clip RT, relay height 15.7 mm
0-1419108-7
RP 28 500
Metal retaining clip RP, relay height 25.5 mm
1-1393161-9
Dimensions in mm
View on solder pins
Socket with PCB terminals


Similar Part No. - PTML1024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTML1024 MACOM-PTML1024 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PTML1024 MACOM-PTML1024 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
PTML1024 MACOM-PTML1024 Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
More results

Similar Description - PTML1024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419108-1 MACOM-2-1419108-1 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
RT78724 MACOM-RT78724 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-2 MACOM-2-1419108-2 Datasheet
207Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-3 MACOM-2-1419108-3 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
   Safety Relay SR2M
SR2M MACOM-SR2M_09 Datasheet
227Kb / 3P
   Safety Relay SR2M
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
   Interface Power Relay RT
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
   Force Guided Relay SR2M
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
   Interface Power Relay RT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com