Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRFR3V9B-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRFR3V9B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRFR3V9B-HF Datasheet(HTML) 3 Page - Comchip Technology

  CZRFR3V9B-HF Datasheet HTML 1Page - Comchip Technology CZRFR3V9B-HF Datasheet HTML 2Page - Comchip Technology CZRFR3V9B-HF Datasheet HTML 3Page - Comchip Technology CZRFR3V9B-HF Datasheet HTML 4Page - Comchip Technology CZRFR3V9B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (CZRFR2V4B-HF Thru CZRFR39VB-HF)
100m
10m
1m
100μ
10μ
100n
10n
0
5
10
15
20
25
30
35
40
Fig.1 Zener voltage characteristics
300
200
100
0
0
25
50
75
100
125
150
Fig.2 Derating curve
ZENER VOLTAGE:VZ(V)
0.10
IZ=5mA
2
10
20
30
0.08
0.06
0.02
0.00
-0.02
-0.04
-0.06
-0.06
-0.08
0.04
Fig.3 Zener voltage-temp.
Coefficient characteristics
ZENER VOLTAGE:VZ(V )
O
AMBIENT TEMPERATURE:Ta(
C)
IZ=500μA
Page 3
SMD Zener Diode
QW-G2010
REV:A
Comchip Technology CO., LTD.


Similar Part No. - CZRFR3V9B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRFR52C10 COMCHIP-CZRFR52C10 Datasheet
269Kb / 6P
   SMD Zener Diode
CZRFR52C10-HF COMCHIP-CZRFR52C10-HF Datasheet
161Kb / 6P
   SMD Zener Diode
CZRFR52C11 COMCHIP-CZRFR52C11 Datasheet
269Kb / 6P
   SMD Zener Diode
CZRFR52C11-HF COMCHIP-CZRFR52C11-HF Datasheet
161Kb / 6P
   SMD Zener Diode
CZRFR52C12 COMCHIP-CZRFR52C12 Datasheet
269Kb / 6P
   SMD Zener Diode
More results

Similar Description - CZRFR3V9B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com