Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDTR055V0C-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDTR055V0C-HF
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDTR055V0C-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDTR055V0C-HF Datasheet HTML 1Page - Comchip Technology CPDTR055V0C-HF Datasheet HTML 2Page - Comchip Technology CPDTR055V0C-HF Datasheet HTML 3Page - Comchip Technology CPDTR055V0C-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD ESD Protection Diode
Page 1
QW-G7021
REV:A
Comchip Technology CO., LTD.
Features
- Bi-directional ESD protection of 4 lines.
- Operating voltage: 5V.
Mechanical data
- Case: SOT-23F-5P standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750D, method 2026.
- Marking code: E05
- Mounting position: Any.
- Weight: 0.012 gram(approx.).
CPDTR055V0C-HF
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Leakage current
IL
uA
30
CT
pF
VR =0V,f =1MHz
6.1
0.1
7.0
25
2.0
VR = 5V
ESD capability
kV
16
Storage temperature
Operation temperature
125
OC
TSTG
Tj
OC
150
-55
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
8
0.118(3.00)
0.110(2.80)
0.100(2.50)
0.090(2.30)
Dimensions in inches and (millimeter)
SOT-23F-5P
0.090(2.30)Typ.
0.037(0.90)
0.029(0.70)
0.067(2.40)Typ.
0.049(1.25)Typ.
0.037(0.95)Typ.
0.055(1.40)Typ.
0.020(0.50)Typ.
1
3
4
5
2
Comchip
S M D D i o d e S p e c i a l i s t
RoHS Device
Halogen Free


Similar Part No. - CPDTR055V0C-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDTR055V0 COMCHIP-CPDTR055V0 Datasheet
193Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDTR055V0C-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com