Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P002-3-056X Datasheet(PDF) 1 Page - Ensign Corporation

Part # P002-3-056X
Description  Captain Class
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

P002-3-056X Datasheet(HTML) 1 Page - Ensign Corporation

  P002-3-056X Datasheet HTML 1Page - Ensign Corporation P002-3-056X Datasheet HTML 2Page - Ensign Corporation P002-3-056X Datasheet HTML 3Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Flame Retardant Materials
Secondary
Voltage
Dimensions (Inches)
VA Rating
L
W
H
A
B
C
D
E
Pins
P001
1.1VA
Parallel from
5V to 60V
Series, single, or
center-tapped
from 10V to 120V
1.38
1.13
0.93
-
-
1.22
0.25
0.25
0.041 x 0.020
P002
2.4VA
1.38
1.13
1.17
-
-
1.22
0.25
0.25
0.041 x 0.020
P006
6VA
1.63
1.31
1.29
0.125
1.06
1.28
0.25
0.35
0.041 x 0.020
P012
12VA
1.88
1.56
1.41
0.150
1.25
1.40
0.30
0.40
0.041 x 0.020
P020
20VA
2.25
1.88
1.41
0.218*
1.66
1.59
0.30
0.40
0.041 x 0.020
P036
36VA
2.63
2.19
1.56
0.218*
1.94
1.84
0.40
0.40
0.041 x 0.020
Captain Class
Flame Retardant, UL 94V0 Rating
High Efficiency
1.1 VA to 36 VA Power Rating
Single or Dual Primary, 115V, 115/230V or 230V
(Optional 120V, 120/240V or 240V)
50/60Hz (Economy 60Hz-only Models Available)
Dual Secondary (Optional Single or Center-tapped)
Any Secondary Voltage from 5V to 120V in 1V Increments
Insulation Material 130oC Standard (Optional 200oC)
Optional Internal Current or Thermal Protectors
High Isolation, 2500V, 100% Tested
Low Capacitive Coupling, no Electrostatic Shield Needed
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
UL 1446 Recognized Insulation System (File E95662)
UL/cUL 5085-3 Class 2 Recognized (File E43609), Only P001 (up to 20V) & P002 (up to 24V)
* = Slots
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
6
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V, 120V,
230V or 240V)
Series/Parallel Input
(Specify 115/230V
or 120/240V)
Single Output
Center-Tapped
Output
Series/Parallel
Output


Similar Part No. - P002-3-056X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
P002-3-056X ENSIGN-P002-3-056X Datasheet
276Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
More results

Similar Description - P002-3-056X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
P001-1-710X ENSIGN-P001-1-710X Datasheet
291Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-710X ENSIGN-P002-1-710X Datasheet
289Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001-1-010X ENSIGN-P001-1-010X Datasheet
292Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-010X ENSIGN-P002-1-010X Datasheet
276Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P006-1-010X ENSIGN-P006-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P012-1-010X ENSIGN-P012-1-010X Datasheet
306Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P020-1-010X ENSIGN-P020-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P036-1-010X ENSIGN-P036-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
L002 ENSIGN-L002 Datasheet
333Kb / 1P
   Commander Class
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com