Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGRC303-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CGRC303-G
Description  SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRC303-G Datasheet(HTML) 1 Page - Comchip Technology

  CGRC303-G Datasheet HTML 1Page - Comchip Technology CGRC303-G Datasheet HTML 2Page - Comchip Technology CGRC303-G Datasheet HTML 3Page - Comchip Technology CGRC303-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD General Purpose Rectifiers
Glass Passivated Type
Reverse Voltage: 50 to 1000 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:B
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Built in strain relief.
-High surge current capability.
Mechanical data
-Case: JEDEC DO-214AB, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.23 grams
CGRC301-G Thru. CGRC307-G
Dimensions in inches and (millimeter)
Notes: 1. Thermal resistance from junction to terminal mounted on P.C.B. with 5.0×5.0 mm square (0.13mm thick) land area.
Comchip Technology CO., LTD.
Maximum Ratings and Electrical Characteristics
CGRC
301-G
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. average forward current
Max. instantaneous forward voltage at
3.0A
Max. DC reverse current at
TA=25°C
rated DC blocking voltage
TA=125°C
Max. thermal resistance (Note 1)
Max. operating junction temperature
Storage temperature
CGRC
302-G
CGRC
303-G
CGRC
304-G
CGRC
305-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IO
VF
IR
RθJA
TJ
TSTG
50
50
35
100
100
70
200
200
140
400
400
280
100
3.0
1.1
5.0
250
50
150
-55 to +150
600
600
420
V
V
V
A
A
V
μA
°C/W
°C
°C
CGRC
306-G
CGRC
307-G
800
800
560
1000
1000
700
DO-214AB (SMC)
0.245(6.22)
0.220(5.59)
0.126(3.20)
0.114(2.90)
0.320(8.13)
0.305(7.75)
0.012(0.305)
0.006(0.152)
0.008(0.20)max
0.060(1.52)
0.030(0.76)
0.103(2.62)
0.079(2.06)
0.280(7.11)
0.260(6.60)
QW-BG005


Similar Part No. - CGRC303-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRC303-G COMCHIP-CGRC303-G Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results

Similar Description - CGRC303-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com