Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFRM101-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CFRM101-G
Description  SMD Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRM101-G Datasheet(HTML) 3 Page - Comchip Technology

  CFRM101-G Datasheet HTML 1Page - Comchip Technology CFRM101-G Datasheet HTML 2Page - Comchip Technology CFRM101-G Datasheet HTML 3Page - Comchip Technology CFRM101-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B
C
d
D
D2
D1
Mini-SMA/SOD-123
SYMBOL
A
(mm)
(inch)
2.440 MIN.
4.00 ± 0.10
1.50 ± 0.10
62.0 MIN.
13.0 ± 0.50
4.00 ± 0.10
2.00 ± 0.10
8.00 ± 0.30
11.40 ± 1.0
178 ± 2.00
0.059 ± 0.004
7.00 ± 0.079
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.449 ± 0.039
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
Mini-SMA/SOD-123
1.90 ± 0.10
0.075 ± 0.004
3.90 ± 0.10
0.153 ± 0.004
1.68 ± 0.10
0.066 ± 0.004
0.23 ± 0.10
T
SMD Fast Recovery Rectifiers
Page 2
QW-BF006
REV:C
Comchip Technology CO., LTD.
0.009 ± 0.004
0.314 ± 0.012
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A


Similar Part No. - CFRM101-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
More results

Similar Description - CFRM101-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA101-G COMCHIP-CFRA101-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
   SMD Fast Recovery Rectifiers
CFRB201-G COMCHIP-CFRB201-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
logo
Formosa MS
FFM101-MS FORMOSA-FFM101-MS Datasheet
96Kb / 7P
   SMD Fast Recovery Rectifiers
logo
Comchip Technology
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com