Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB7280 Datasheet(PDF) 88 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 88 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 84Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 85Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 86Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 87Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 88Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 89Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 90Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 91Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 92Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 190 page
background image
PSB 7280
Semiconductor Group
88
Data Sheet 1998-07-01
Interrupt Status Mask Register
A ‘0’ in a bit position masks the corresponding interrupt (default value, i.e. after reset).
The mask bit affects only the generation of the interrupt, but not the interrupt status bit
from being set. Undocumented mask bits must be always set to ‘0’.
Acknowledge Register
The interrupt status bit is reset when the host writes a ‘1’ in the corresponding bit
position. The other interrupts are acknowledged as follows:
Note: Since no direct access to the MONR, CIR1, CIR2 and GP Int Status registers for
the host is allowed (these registers are in the configuration and control register
area 2000
H upwards), they are read using the procedure via address and data
registers as decribed in Chapter 2 – in principle giving the host the possibility to
handle the Monitor and C/I channels via the DSP.
Bit 15
Bit 8
75
H
T1
T2
T3
SAIN
DINT
HDLC1
HDCL2
Bit 7
Bit 0
74
H
MDR
MER
MDA
MEA
MAB
GPI
CIC1
CIC2
Bit 15
Bit 8
77
H
T1
T2
T3
SAIN
Bit 7
Bit 0
76
H
MER
MDA
MEA
MAB
DINT
Reset when IND Int. Status register is read
HDLC1
Reset when HDLC Controller 1 interrupt register is read
HDLC2
Reset when HDLC Controller 2 interrupt register is read
MDR
Reset when MONR register is read
GPI
Reset when GP Int Status register is read
CIC1
Reset when CIR1 register is read
CIC2
Reset when CIR2 register is read.


Similar Part No. - PSB7280

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
More results

Similar Description - PSB7280

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com