Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB7280 Datasheet(PDF) 75 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 75 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 71Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 72Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 73Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 74Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 75Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 76Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 77Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 78Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 79Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 190 page
background image
PSB 7280
Semiconductor Group
75
Data Sheet 1998-07-01
Figure 31
Note: For simplification of the diagram the states of MX and MR are shown as ‘0’ or ‘1’
during the entire 125-
µs frame without regard to the bit positions they actually
occupy.
Software Handling of Monitor Channel Transmission
The idle state of the transmitter is maintained when the MXC (Monitor channel Transmit
Control) bit is 0. In order to transmit the first byte, its value is written into the MONX
(Monitor channel Transmit) register. After the MXC bit is set to 1, the monitor channel
hardware sends the byte from MONX and controls the MX bit accordingly (MX:1
→0).
When the hardware detects the acknowledgment from the other end (received MR
bit = 0), it will set the MDA (Monitor Data Acknowledged) bit. When this is detected by
the software, it writes the next byte in MONX register. This byte is sent and the MX bit
controlled accordingly. The acknowledgment by the other end is again indicated by the
MDA status bit. This procedure is repeated until all the data is transmitted. After the last
MDA status the software sets the MXC bit back to 0 and the transmit channel including
the MX bit returns to the idle state.
If an abort request from the receiving end is detected by the hardware, the MAB (Monitor
channel Abort) status bit is set.
In the PSB 7280 the Monitor channel transmitter implements the so-called maximum
speed option of this protocol, whereby the acknowledgment of every byte (except the
first) by the receiving end is anticipated. This means that an MDA interrupt status is
generated as soon as the received MR bit is detected to go from 0 to 1. Transmission of
the next byte is started as soon as the software has reacted to this interrupt. Thus a
maximum transfer speed of 32 kbit/s can be obtained.


Similar Part No. - PSB7280

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
More results

Similar Description - PSB7280

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com