Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB7280 Datasheet(PDF) 51 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 51 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 47Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 48Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 49Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 50Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 51Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 52Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 53Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 54Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 55Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 190 page
background image
PSB 7280
Semiconductor Group
51
Data Sheet 1998-07-01
Figure 19
Timing Generation on SAI Lines - Frame Sync
For the frame sync signal RFS and/or TFS, two basic modes of operation are provided:
Case 1
If control bit RCONT = 1, pulses on RFS are continuously and periodically generated if
ERFS (Enable RFS generation control bit in HDLC register bank) is set to ‘1’, of one bit
period length and spaced (PRD + 1)
× 16 bits apart, where PRD = 0, 1, …, 31.
Note: It suffices that the ERFS bits in one of the HDLC controller register banks is set to
“1” in order for pulses to be generated.
Case 2
If RCONT = 0, a burst of REP + 1 pulses on RFS is generated, of one bit period duration
and spaced 16 bit periods apart when a start command is issued by setting the STR bit
to ‘1’. REP takes a value in the range 0 to 1.023.
Note: It suffices that the STR command in one of the HDLC controller register banks is
issued in order for the generation of pulses start.
The same applies for TFS (control bits are ETFS and STX).
SCLK (in)
DSP clock
Div
PRSC
10
M
U
X
SCKIN
0
1
Baud-Rate
Generator
STR/ERFS
1
RCONT RPRD/RREP
1
10
RFS(in)
0
1
M
U
X
RFIN
RFS (out)
0
Baud-Rate
Generator
STX/ETFS
1
TCONT TPRD/TREP
1
10
TFS(in)
1
M
U
X
TFIN
TFS (out)
SCLK (out)


Similar Part No. - PSB7280

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
More results

Similar Description - PSB7280

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com