Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB7280 Datasheet(PDF) 45 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 45 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 41Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 42Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 43Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 44Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 45Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 46Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 47Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 48Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 49Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 190 page
background image
PSB 7280
Semiconductor Group
45
Data Sheet 1998-07-01
0F
H
reseved
0E
H
reseved
58
H
INDB (LSBit)
IND Interrupt
Status
50
H
INH Interrupt
Status
INHB(LSBit)
4C
H
Mailbox IO
write
Mailbox IO
read
09
H
Data register
Data register
4A
H
Mailbox write address
08
H
Address
register
Address
register
48
H
Mailbix read address
07
H
Interrupt INT
Mask MSB
Interrupt INT
Status MSB
06
H
Cntrl Host
→ DSP MSB
Cntrl DSP
→ Host MSB
47
H
Ext. Memory
Data high
05
H
Cntrl Host
→ DSP LSB
Cntrl DSP
→ Host LSB
46
H
Ext. Memory
Data low
04
H
INDB (LSBit)
IND Interrupt
Status
45
H
Ext. Memory
Addr high
03
H
INH Interrupt
Status
INHB (LSBit)
44
H
Ext. Memory
Addr low
02
H
Mailbox IO
write
Mailbox IO
read
01
H
Mailbox write address
41
H
Reg Data
Host
→ DSP
Reg Data
DSP
→ Host
00
H
Mailbox read address
40
H
Conf/Cont
Reg Address
RDY(LSBit)
Table 11
Address Mapping of Multiplexed/Demultiplexed
Host Interface (cont’d)
Address
A0-3
Demultiplexed Mode
Data D0-7
Address
AD0-7
Multiplexed Mode
Data AD0-7
Host Write
Host Read
Host Write
Host Read


Similar Part No. - PSB7280

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
More results

Similar Description - PSB7280

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com