Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSW4448-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSW4448-G
Description  Small Signal Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSW4448-G Datasheet(HTML) 1 Page - Comchip Technology

  CDSW4448-G Datasheet HTML 1Page - Comchip Technology CDSW4448-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Small Signal Switching Diodes
Reverse Voltage: 75 Volts
Power Dissipation: 400 mW
RoHS Device
Page 1
REV:A
Features
-Design for mounting on small surface.
-High speed switching.
-High mounting capability, strong surge
withstand, high reliability.
-Also available in other standard case:
CDSN4448 - 1206 size
CDSF4448 - 1005 size
CDSU4448 - 0603 size
Mechanical data
-Case: SOD-123, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: indicated by cathode band.
-Approx. weight: 0.01 grams
CDSW4448-G
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
QW-B0013
Comchip Technology CO., LTD.
Repetitive peak reverse voltage
Reverse voltage
Forward current
Peak surge forward current
Power dissipation
Maximum forward voltage
Maximum reverse current
Maximum reverse recovery time
Typical diode capacitance
Maximum junction temperature
Storage temperature
Units
Symbol
Parameter
VRRM
VR
IFM
IFSM
PD
VF
IR
Trr
CJ
TJ
TSTG
Conditions
T=1.0 μS
@IF=5mA
@IF=10mA
@IF=100mA
@VR=75V
@VR=25V
IF=10mA, RL=100Ω
VR=0V, f=1.0MHz
@IF=150mA
75
75
500
4
400
0.72
0.855
1
1.25
2.5
0.025
4
4
125
-55 to +125
V
V
mA
A
mW
V
μA
nS
pF
OC
OC
Value
SOD-123
0.028(0.70)
0.019(0.50)
0.110(2.80)
0.098(2.50)
0.071(1.80)
0.055(1.40)
0.154(3.90)
0.141(3.60)
0.053(1.35)
0.037(0.95)
0.008(0.20)
Max.
0.016(0.40)
Min.
0.005(0.12)
Max.
(at Ta=25°C unless otherwise noted)


Similar Part No. - CDSW4448-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSW4448-G COMCHIP-CDSW4448-G Datasheet
461Kb / 2P
   Small-Signal Switching Diode
More results

Similar Description - CDSW4448-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com