Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB7238 Datasheet(PDF) 99 Page - Siemens Semiconductor Group

Part # PSB7238
Description  Joint Audio Decoder-Encoder - Multimode
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7238 Datasheet(HTML) 99 Page - Siemens Semiconductor Group

Back Button PSB7238 Datasheet HTML 95Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 96Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 97Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 98Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 99Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 100Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 101Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 102Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 103Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 190 page
background image
PSB 7238
Register Description
Semiconductor Group
99
Data Sheet 1998-07-01
Transmit Audio Channel 1
Read/Write
Address 2017
H - 2019H
Value after reset: 00
H
EN
Enable
If inactive (0), no clock is generated for this channel, and the channel is
in high impedance, must be set to 0 during configuration of transmit
audio channel 1.
SLIN(1-0)
Select Line
00
Channel time-slot on DU (frame sync FSC, clock DCL or DCL/2)
01
Channel time-slot on DD (frame sync FSC, clock DCL or DCL/2)
10
Channel time-slot on SR (frame sync RFS, clock SCLK)
11
Channel time-slot on ST (frame sync TFS, clock SCLK)
LEN(4-0)
Length of channel time-slot
Channel time-slot length in bits = LEN + 1 (1, …, 32 bits).
TS(8-0)
Time-slot position
Position of first bit of time-slot from frame sync (0, …, 511).
LMOD
Load Mode
0
Sample of length LEN + 1 loaded from write register into shift
register (for frame + 1) at the occurrence of frame sync.
1
When shift register is about to become empty
((LBIT + 1)
× (LEN + 1) bits shifted out), it is loaded from write
register (for software to be accessed via a “Buffer Empty”
interrupt status).
LBIT(4-0)
Load Bits
Number of bits in aggregates of (LEN + 1) loaded into output shift
register when ready, if LMOD = 1. The number of bits loaded is equal to
(LBIT + 1)
× (LEN + 1), the corresponding interrupt status is BEMP1.
Since the number of bits is 32 maximum, the value of the product
(LBIT + 1)
× (LEN + 1) shall not exceed 32.
HXA
Host Transmit Access
0
Channel originates from DSP
1
Channel originates from Host


Similar Part No. - PSB7238

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
More results

Similar Description - PSB7238

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com