Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB7238 Datasheet(PDF) 68 Page - Siemens Semiconductor Group

Part # PSB7238
Description  Joint Audio Decoder-Encoder - Multimode
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7238 Datasheet(HTML) 68 Page - Siemens Semiconductor Group

Back Button PSB7238 Datasheet HTML 64Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 65Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 66Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 67Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 68Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 69Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 70Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 71Page - Siemens Semiconductor Group PSB7238 Datasheet HTML 72Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 190 page
background image
PSB 7238
Functional Blocks
Semiconductor Group
68
Data Sheet 1998-07-01
For closing a frame in HDLC mode the DSP/host has two possibilities:
1. When XME and XF bits are set in the same command, all remaining bytes in the FIFO
are transmitted, the CRC field (programmable) and the closing flag of the HDLC frame
are appended and after all data has been transmitted to the line the HDLC controller
generates a new XPR interrupt. Thus, a delay is caused between the transmission of
two frames which is filled with interframe timefill values (programmable flags or ‘1’s).
2. To avoid the gap between two frames and time-optimize the transmission, the XF
command can be set first for the last FIFO of the frame. After the corresponding XPR
interrupt has been detected, the DSP/host may set XME = 1 and then start writing the
next frame for the XFIFO (max. 32 bytes) which is again transmitted by an XF
command.
The
HDLC
transmitter
will
automatically
insert
the
CRC
field
(programmable), the closing flag for the first frame and the start flag for the second
frame.
Figure 28
The host does not necessarily have to transfer a frame in blocks of 32 bytes. As a matter
of fact, the sub-blocks issued by the host and separated by an XF command, can be
between 0 and 32 bytes long.
If the transmit FIFO runs out of data and the XME command bit has not been set, the
frame is terminated with an abort sequence (seven ‘1’s) followed by inter-frame time fill,
and the host will be advised by a Transmit Data Unterrun (XDU) interrupt status.


Similar Part No. - PSB7238

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
More results

Similar Description - PSB7238

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com