Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB7230 Datasheet(PDF) 77 Page - Siemens Semiconductor Group

Part # PSB7230
Description  Joint Audio Decoder-Encoder for Analog Videophone JADE AN
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7230 Datasheet(HTML) 77 Page - Siemens Semiconductor Group

Back Button PSB7230 Datasheet HTML 73Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 74Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 75Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 76Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 77Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 78Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 79Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 80Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 81Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 179 page
background image
PSB 7230
Functional Blocks
Semiconductor Group
77
Data Sheet 1998-07-01
4.5
Programming Indirectly Accessible Registers
Registers in the memory mapped (DSP X-data RAM) area from 2000
H upwards are read
and written:
– via the Parallel Host Interface by using two registers (Conf/Cont Reg Address Register
at address 40
H/3040H and Conf/Control Reg Data Register at address 41H/3041H)
4.5.1
Programming via Parallel Host Interface
(see also Section 3.3.2)
For writing a Configuration/Control register (addresses 2000
H - 203FH), the host writes
in the Data register the data byte to be written and in the Address register the write
command:
where A(5:0) gives the offset of the register to be written. This causes an RACC
(Register Access) interrupt status to the DSP. The DSP software transfers the Data byte
to the requested address 2000
H + A(5:0) and writes the RDY bit (least significant bit of
address 40
H/3040H) to “1” again (which was set to “0” by hardware at the time of writing
of the Address register). By sensing the state of bit RDY the host is able to start a new
access to Address and Data registers when the DSP is ready.
For reading a Configuration/Control register (addresses 2000
H - 203FH), the host writes
in the Address register the read command:
where A(5:0) gives the offset of the register to be read. This causes a RACC (Register
Access) interrupt status to the DSP. The DSP software transfers the contents of the
requested address 2000
H + A(5:0) into the Data register and writes the RDY bit to “1”.
Bit 7
Bit 0
0
0
A5
A4
A3
A2
A1
A0
Bit 7
Bit 0
1
0
A5
A4
A3
A2
A1
A0


Similar Part No. - PSB7230

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
More results

Similar Description - PSB7230

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
Renesas Technology Corp
TW9920 RENESAS-TW9920 Datasheet
157Kb / 2P
   Analog Video Decoder/Encoder
logo
List of Unclassifed Man...
TW9920 ETC1-TW9920 Datasheet
956Kb / 88P
   Analog Video Decoder / Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com