Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB7230 Datasheet(PDF) 42 Page - Siemens Semiconductor Group

Part # PSB7230
Description  Joint Audio Decoder-Encoder for Analog Videophone JADE AN
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7230 Datasheet(HTML) 42 Page - Siemens Semiconductor Group

Back Button PSB7230 Datasheet HTML 38Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 39Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 40Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 41Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 42Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 43Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 44Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 45Page - Siemens Semiconductor Group PSB7230 Datasheet HTML 46Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 179 page
background image
PSB 7230
Interfaces and Memory Organization
Semiconductor Group
42
Data Sheet 1998-07-01
Software Interrupts
For communication between the host software and the DSP software, the soft interrupt
registers IND (from DSP to Host) and INH (from Host to DSP) can be used.
Interrupt from Host to DSP
A write operation by the Host to address 50
H (INH) causes a maskable INH interrupt
status to be generated on INT1 to the DSP, and the Interrupt Host Busy bit INHB
(address 50
H, readable by host) to be set to “1”. Having recognized an INH interrupt
status, the DSP (firmware) reads address 3050
H
(INH). This read operation
automatically resets the HINT interrupt status bit in the DSP Interrupt Status Register for
INT1 (address 3074
H). The INHB bit can be written by the DSP again to “0” to indicate
that it is ready to accept a new interrupt from the host, which it would usually (but not
necessarily) do after it has read the INH register. The 16-bit Control register located at
60/61
H (3060/3061H) may contain additional information for the DSP to read after an INH
interrupt. Please refer to the specific interface procedures for details.
Interrupt from DSP to Host
For a soft interrupt from the DSP to the host, the procedure is identical. In this case, the
soft interrupt is a maskable interrupt on line INT. The interrupt vector is written by the
DSP in address 3058
H (IND). Simultaneously, the Interrupt DSP Busy bit INDB (address
58
H, writable by host) is set to “1”. Having recognized an IND interrupt status, the host
reads address 58
H (IND), which automatically resets the DINT interrupt status bit in the
Host Interrupt Status Register for INT (address 75
H). The INDB bit can be written by the
host again to “0” to indicate that it is ready to accept a new interrupt from the DSP. The
16-bit Control register located at 60/61
H (3060/3061H) may contain additional information
for the host to read after an IND interrupt.
Please refer to the specific interface
procedures for details.
Registers for Accessing the External Memory
In normal operation, the program bus of the DSP is connected via the external memory
interface to the external memory bus so that instructions are fetched from an external
memory when an address between 8000
H and FFFFH is hit, if EA = “High”. If EA = “Low”,
the whole address range is for off-chip programs.
If the bit LDMEM (see description of Configuration and Control Registers, Chapter 5.3)
is set to ‘1’ and bit DACC is ‘0’ (see description of Configuration and Control Registers,
Chapter 5.3), the external memory interface address and data buses are connected to
the outputs of registers address low/high (at host address 44/45
H) and data low/high (at
host address 46/47
H), respectively. This feature can be used to down-load programs into
a memory connected to the PSB 7230.
When a write access to the data high register (address 47
H) is detected, this activates
the external memory interface write signal CWR for the duration of the host WR signal
(independent of any possible wait states in NRW(3:0)).


Similar Part No. - PSB7230

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
More results

Similar Description - PSB7230

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
Renesas Technology Corp
TW9920 RENESAS-TW9920 Datasheet
157Kb / 2P
   Analog Video Decoder/Encoder
logo
List of Unclassifed Man...
TW9920 ETC1-TW9920 Datasheet
956Kb / 88P
   Analog Video Decoder / Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com