Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6726D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM6726D
Description  128K x 8 Bit Fast Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6726D Datasheet(HTML) 5 Page - Motorola, Inc

  MCM6726D Datasheet HTML 1Page - Motorola, Inc MCM6726D Datasheet HTML 2Page - Motorola, Inc MCM6726D Datasheet HTML 3Page - Motorola, Inc MCM6726D Datasheet HTML 4Page - Motorola, Inc MCM6726D Datasheet HTML 5Page - Motorola, Inc MCM6726D Datasheet HTML 6Page - Motorola, Inc MCM6726D Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MCM6726D
5
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
6726D–8
6726D–10
6726D–12
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
8
10
12
ns
3
Address Setup Time
tAVWL
0
0
0
ns
Address Valid to End of Write
tAVWH
8
9
10
ns
Address Valid to End of Write, G High
tAVWH
7
8
9
ns
Write Pulse Width
tWLWH,
tWLEH
8
9
10
ns
Write Pulse Width, G High
tWLWH,
tWLEH
7
8
9
ns
Data Valid to End of Write
tDVWH
4
5
6
ns
Data Hold Time
tWHDX
0
0
0
ns
Write Low to Data High–Z
tWLQZ
4
5
6
ns
4,5,6
Write High to Output Active
tWHQX
3
3
3
ns
4,5,6
Write Recovery Time
tWHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycles.
3. All write cycle timings are referenced from the last valid address to the first transitioning address.
4. Transition is measured 200 mV from steady–state voltage with load of Figure 1b.
5. This parameter is sampled and not 100% tested.
6. At any given voltage and temperature, tWLQZ max < tWHQX min both for a given device and from device to device.
WRITE CYCLE 1
DATA VALID
tDVWH
tAVWL
tAVWH
tAVAV
tWHAX
tWLWH
tWHDX
tWLQZ
tWHQX
HIGH–Z
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)
tWLEH


Similar Part No. - MCM6726D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ6 MOTOROLA-MCM6726CWJ6 Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ6R MOTOROLA-MCM6726CWJ6R Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ7 MOTOROLA-MCM6726CWJ7 Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ7R MOTOROLA-MCM6726CWJ7R Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6726D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com