Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P020-1-028X Datasheet(PDF) 3 Page - Ensign Corporation

Part # P020-1-028X
Description  Captain Class
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

P020-1-028X Datasheet(HTML) 3 Page - Ensign Corporation

  P020-1-028X Datasheet HTML 1Page - Ensign Corporation P020-1-028X Datasheet HTML 2Page - Ensign Corporation P020-1-028X Datasheet HTML 3Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PXXX
-X
X
XXX
X
XXXX
Printed Circuit Mount
Rating:
P001 = 1.1VA, models up to 20V are also Class 2 (see Page 9)
P002 = 2.4VA, models up to 24V are also Class 2 (see Page 9)
P006 = 6VA
P012 = 12VA
P020 = 20VA
P036 = 36VA
Primary Voltage:
-1 = 120V
-2 = 120/240V Dual (series / parallel)
-3 = 240V
Optional Internal Protector:
- (dash) = No internal protector
A through Z = Over-current and/or over-temperature protection
(Contact for list of available protectors)
Secondary Voltage (10V through 120V, in 1V Increments):
010 through 120 = Dual Secondary (series / parallel)
Number represents the voltage of the series connection. Example: “024” = 12V (parallel) / 24V (series)
510 through 620 = Center-tapped Secondary
Number represents the total voltage plus 500. Example: “524” = 24V with center-tap (12V on each side)
710 through 820 = Single Secondary
Number represents the voltage plus 700. Example: “724” = 24V
Indication of Adjustment in Primary Voltage:
Blank = 120V, 120/240V or 240V, as selected above
X = 115V instead of 120V and/or 230V instead of 240V
Frequency:
Blank = 50/60Hz
-60HZ = Economy 60Hz-only
Examples:
P006-2-724X = 6VA, Dual 115/230V (series/parallel) Primary, 50/60Hz, no internal protector, Single 24V Secondary
P006-2-724 = Same as above except 120/240V Primary
P006-1A024 60HZ = 6VA, Single 120V Primary, 60Hz only, 130
C thermal cutoff, Dual 12/24V (series/parallel) Secondary
Captain Class
Class 2
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
8
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.


Similar Part No. - P020-1-028X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
P020-1-028X ENSIGN-P020-1-028X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
More results

Similar Description - P020-1-028X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
P001-1-710X ENSIGN-P001-1-710X Datasheet
291Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-710X ENSIGN-P002-1-710X Datasheet
289Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001-1-010X ENSIGN-P001-1-010X Datasheet
292Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-010X ENSIGN-P002-1-010X Datasheet
276Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P006-1-010X ENSIGN-P006-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P012-1-010X ENSIGN-P012-1-010X Datasheet
306Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P020-1-010X ENSIGN-P020-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P036-1-010X ENSIGN-P036-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
L002 ENSIGN-L002 Datasheet
333Kb / 1P
   Commander Class
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com