Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDST-16-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDST-16-G
Description  Small Signal Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-16-G Datasheet(HTML) 2 Page - Comchip Technology

  CDST-16-G_12 Datasheet HTML 1Page - Comchip Technology CDST-16-G_12 Datasheet HTML 2Page - Comchip Technology CDST-16-G_12 Datasheet HTML 3Page - Comchip Technology CDST-16-G_12 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-B0051
RATING AND CHARACTERISTIC CURVES (CDST-16-G)
Forward Voltage, (V)
1.5
1.0
0.5
0
Fig.1 - Forward Characteristics
1
10
100
1000
Reverse Voltage, (V)
0
Fig.3 Reverse Characteristics
-
0.1n
1n
10n
100n
10
μ
40
Reverse Voltage, (V)
0
Fig.4 Capacitance Between Terminals
-
Characteristics
0
1
2
30
50
Ambient Temperature, (°C)
Fig.2 Power Derating Curve
-
0
200
400
Comchip Technology CO., LTD.
Page 2
REV:A
60
100
0
100
175
20
80
100
10
25
50
75
150
125
300
1
μ
40
20
Mounted on glass
epoxy PCBs
Small Signal Switching Diodes
TA=150°C
TA=-40°C
TA=25°C
TA=75°C
TA=125°C
TA=-40°C
TA=25°C
TA=75°C
TJ=25°C
f=1.0MHz
TA=0°C
TA=150°C
TA=0°C
Instantaneous Forward Voltage, (V)
0
Fig.5 Forward Characteristics
-
0.01
0.1
1.0
10
1000
1
2
100
Junction Temperature, (°C)
0
1
10
100
10000
100
200
1000
Fig.6 Leakage Current vs Junction
-
Temperature


Similar Part No. - CDST-16-G_12

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST-16-G COMCHIP-CDST-16-G Datasheet
77Kb / 4P
   Small Signal Switching Diodes
More results

Similar Description - CDST-16-G_12

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com