Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL043-3-020X Datasheet(PDF) 2 Page - Ensign Corporation

Part # IL043-3-020X
Description  Admiral Class - Lead Wires
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

IL043-3-020X Datasheet(HTML) 2 Page - Ensign Corporation

  IL043-3-020X Datasheet HTML 1Page - Ensign Corporation IL043-3-020X Datasheet HTML 2Page - Ensign Corporation IL043-3-020X Datasheet HTML 3Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Partial Selection Guide (Standard Stock)
Over 365,000 additional Admiral Class (Lead Wires) model configurations available!
Refer to the Part Numbering Scheme on the next page to configure your own part with following options:
Primary: 120V, 120/240V, 240V,
100/110/120V, 200/220/240V,
120/220/240V, 100/120/200/220/240V
Secondary: 5V to 240V, in 1V increments
Frequency: 50/60Hz, or economy 60Hz-only
With or without current or thermal protector(s)
Temperature Class: 130
C, or 200C
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
35
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.
Admiral Class — Lead Wires
Part Number
115V
Primary
115/230V
Primary
230V
Primary
VA
Series Secondary
Parallel Secondary
IL025-1-010X
IL025-2-010X
IL025-3-010X
25
10VCT @ 2.5A
5V @ 5.0A
IL043-1-010X
IL043-2-010X
IL043-3-010X
43
10VCT @ 4.3A
5V @ 8.6A
IL080-1-010X
IL080-2-010X
IL080-3-010X
80
10VCT @ 8.0A
5V @ 16.0A
IL130-1-010X
IL130-2-010X
IL130-3-010X
130
10VCT @ 13.0A
5V @ 26.0A
IL175-1-010X
IL175-2-010X
IL175-3-010X
175
10VCT @ 17.5A
5V @ 35.0A
IL025-1-012X
IL025-2-012X
IL025-3-012X
25
12.6VCT @ 2.0A
6.3V @ 4.0A
IL043-1-012X
IL043-2-012X
IL043-3-012X
43
12.6VCT @ 3.4A
6.3V @ 6.8A
IL080-1-012X
IL080-2-012X
IL080-3-012X
80
12.6VCT @ 6.4A
6.3V @ 12.8A
IL130-1-012X
IL130-2-012X
IL130-3-012X
130
12.6VCT @ 10.3A
6.3V @ 20.6A
IL175-1-012X
IL175-2-012X
IL175-3-012X
175
12.6VCT @ 14.0A
6.3V @ 28.0A
IL025-1-016X
IL025-2-016X
IL025-3-016X
25
16VCT @ 1.6A
8V @ 3.2A
IL043-1-016X
IL043-2-016X
IL043-3-016X
43
16VCT @ 2.7A
8V @ 5.4A
IL080-1-016X
IL080-2-016X
IL080-3-016X
80
16VCT @ 5.0A
8V @ 10.0A
IL130-1-016X
IL130-2-016X
IL130-3-016X
130
16VCT @ 8.12A
8V @ 16.2A
IL175-1-016X
IL175-2-016X
IL175-3-016X
175
16VCT @ 11.0A
8V @ 22.0A
IL025-1-020X
IL025-2-020X
IL025-3-020X
25
20VCT @ 1.25A
10V @ 2.5A
IL043-1-020X
IL043-2-020X
IL043-3-020X
43
20VCT @ 2.15A
10V @ 4.30A
IL080-1-020X
IL080-2-020X
IL080-3-020X
80
20VCT @ 4.0A
10V @ 8.0A
IL130-1-020X
IL130-2-020X
IL130-3-020X
130
20VCT @ 6.5A
10V @ 13.0A
IL175-1-020X
IL175-2-020X
IL175-3-020X
175
20VCT @ 8.75A
10V @ 17.5A
IL025-1-024X
IL025-2-024X
IL025-3-024X
25
24VCT @ 1.0A
12V @ 2.0A
IL043-1-024X
IL043-2-024X
IL043-3-024X
43
24VCT @ 1.8A
12V @ 3.6A
IL080-1-024X
IL080-2-024X
IL080-3-024X
80
24VCT @ 3.3A
12V @ 6.6A
IL130-1-024X
IL130-2-024X
IL130-3-024X
130
24VCT @ 5.4A
12V @ 10.8A
IL175-1-024X
IL175-2-024X
IL175-3-024X
175
24VCT @ 7.3A
12V @ 14.6A
IL025-1-028X
IL025-2-028X
IL025-3-028X
25
28VCT @ 0.9A
14V @ 1.8A
IL043-1-028X
IL043-2-028X
IL043-3-028X
43
28VCT @ 1.5A
14V @ 3.0A
IL080-1-028X
IL080-2-028X
IL080-3-028X
80
28VCT @ 2.85A
14V @ 5.7A
IL130-1-028X
IL130-2-028X
IL130-3-028X
130
28VCT @ 4.6A
14V @ 9.2A
IL175-1-028X
IL175-2-028X
IL175-3-028X
175
28VCT @ 6.25A
14V @ 12.5A
IL025-1-036X
IL025-2-036X
IL025-3-036X
25
36VCT @ 0.7A
18V @ 1.4A
IL043-1-036X
IL043-2-036X
IL043-3-036X
43
36VCT @ 1.2A
18V @ 2.4A
IL080-1-036X
IL080-2-036X
IL080-3-036X
80
36VCT @ 2.2A
18V @ 4.4A
IL130-1-036X
IL130-2-036X
IL130-3-036X
130
36VCT @ 3.6A
18V @ 7.2A
IL175-1-036X
IL175-2-036X
IL175-3-036X
175
36VCT @ 4.9A
18V @ 9.8A


Similar Part No. - IL043-3-020X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL043-3-020X ENSIGN-IL043-3-020X Datasheet
693Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results

Similar Description - IL043-3-020X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL002 ENSIGN-IL002 Datasheet
481Kb / 2P
   Admiral Class - Lead Wires
IT025-1-010X ENSIGN-IT025-1-010X Datasheet
304Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IT043-1-010X ENSIGN-IT043-1-010X Datasheet
298Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
L006-1-510X ENSIGN-L006-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
L012-1-510X ENSIGN-L012-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IP030-1-010X ENSIGN-IP030-1-010X Datasheet
381Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IT175-1-010X ENSIGN-IT175-1-010X Datasheet
302Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com