Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB2121-T Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # PSB2121-T
Description  General-Purpose Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB2121-T Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button PSB2121-T Datasheet HTML 3Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 4Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 5Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 6Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 7Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 8Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 9Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 10Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Semiconductor Group
7
PSB 2121
DC-Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Pulse Width Modulator
Duty cycle
t
d
050
%
Under Voltage Detection UV
Start up threshold
V
789V
pin UV =
V
S
Threshold hysteresis
H
y
0.3
V
pin UV =
V
S
Soft Start
C
SS
Charging current
C
T
248
µA
Output Driver GA
T
A = 25 ˚C
H-output voltage
V
OH
4.5
V
EXT
V
I
Source = 5 mA
L-output voltage
V
OL
0.3
0.4
V
I
Sink = 5 mA
Rise time
t
r
130
200
ns
C
L = 220 pF;
V
EXT = 6.3 V
Fall time
t
f
70
200
ns
C
L = 220 pF;
V
EXT = 6.3 V
Output current
I
O
5mA
External Supply
V
EXT
Output voltage
V
O
5.8
V
Output current
I
O
2mA
Input voltage
V
I
6.0
7.5
V
Z-current
I
Z
2mA
Power consumption
P
tot
56mW
V
S = 40 V
f
OSC = 20 kHz
V
EXT = 6.2 to 6.7 V


Similar Part No. - PSB2121-T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2120 SIEMENS-PSB2120 Datasheet
292Kb / 20P
   ISDN Remote Power Controller
PSB2120-P SIEMENS-PSB2120-P Datasheet
292Kb / 20P
   ISDN Remote Power Controller
PSB2120-T SIEMENS-PSB2120-T Datasheet
292Kb / 20P
   ISDN Remote Power Controller
More results

Similar Description - PSB2121-T

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
GPC150 ETC-GPC150 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
Holtek Semiconductor In...
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
   General Purpose PIR Controller
logo
Linear Technology
LT1725 LINER-LT1725_15 Datasheet
264Kb / 28P
   General Purpose Isolated Flyback Controller
LT1725 LINER-LT1725 Datasheet
189Kb / 28P
   General Purpose Isolated Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com