Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDV-05-126 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # PDV-05-126
Description  Small Size Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

PDV-05-126 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  PDV-05-126 Datasheet HTML 1Page - Wabash Transformer Inc. PDV-05-126 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Small Size Power Transformer
Series: PSV & PDV - Printed Circuit Mount, Vertical
VA
Part Number
Secondary
115V
115/230V
Series
Parallel
1.0
PSV-01-10
PDV-01-10
10VCT @ 100mA
5V @ 200mA
PSV-01-126
PDV-01-126
12.6VCT @ 79mA
6.3V @ 158mA
PSV-01-16
PDV-01-16
16VCT @ 63mA
8V @ 126mA
PSV-01-20
PDV-01-20
20VCT @ 50mA
10V @ 100mA
PSV-01-24
PDV-01-24
24VCT @ 42mA
12V @ 84mA
PSV-01-28
PDV-01-28
28VCT @ 36mA
14V @ 72mA
PSV-01-36
PDV-01-36
36VCT @ 28mA
18V @ 56mA
PSV-01-48
PDV-01-48
48VCT @ 21mA
24V @ 42mA
PSV-01-56
PDV-01-56
56VCT @ 18mA
28V @ 36mA
PSV-01-120
PDV-01-120
120VCT @ 8mA
60V @ 16mA
1.2
PSV-012-10
PDV-012-10
10VCT @ 120mA
5V @ 240mA
PSV-012-126
PDV-012-126
12.6VCT @ 95mA
6.3V @ 190mA
PSV-012-16
PDV-012-16
16VCT @ 75mA
8V @ 150mA
PSV-012-20
PDV-012-20
20VCT @ 60mA
10V @ 120mA
PSV-012-24
PDV-012-24
24VCT @ 50mA
12V @ 100mA
PSV-012-28
PDV-012-28
28VCT @ 43mA
14V @ 86A
PSV-012-36
PDV-012-36
36VCT @ 33mA
18V @ 66mA
PSV-012-48
PDV-012-48
48VCT @ 25mA
24V @ 50mA
PSV-012-56
PDV-012-56
56VCT @ 21mA
28V @ 42mA
PSV-02-120
PDV-02-120
120VCT @ 10mA
60V @ 20mA
2
PSV-02-10
PDV-02-10
10VCT @ 200mA
5V @ 400mA
PSV-02-126
PDV-02-126
12.6VCT @ 159mA
6.3V @ 318mA
PSV-02-16
PDV-02-16
16VCT @ 125mA
8V @ 250mA
PSV-02-20
PDV-02-20
20VCT @ 100mA
10V @ 200mA
PSV-02-24
PDV-02-24
24VCT @ 83mA
12V @ 166mA
PSV-02-28
PDV-02-28
28VCT @ 71mA
14V @ 142mA
PSV-02-36
PDV-02-36
36VCT @ 56mA
18V @ 112mA
PSV-02-48
PDV-02-48
48VCT @ 42mA
24V @ 84mA
PSV-02-56
PDV-02-56
56VCT @ 36mA
28V @ 72mA
PSV-02-120
PDV-02-120
120VCT @ 17mA
60V @ 34mA
PSV-05-10
PDV-05-10
10VCT @ 500mA
5V @ 1.0A
5
PSV-05-126
PDV-05-126
12.6VCT @ 400mA
6.3V @ 800mA
PSV-05-16
PDV-05-16
16VCT @ 312mA
8V @ 624mA
PSV-05-20
PDV-05-20
20VCT @ 250mA
10V @ 500mA
PSV-05-24
PDV-05-24
24VCT @ 210mA
12V @ 420mA
PSV-05-28
PDV-05-28
28VCT @ 178mA
14V @ 357mA
PSV-05-36
PDV-05-36
36VCT @ 139mA
18V @ 278mA
PSV-05-48
PDV-05-48
48VCT @ 104mA
24V @ 208mA
PSV-05-56
PDV-05-56
56VCT @ 90mA
28V @ 180mA
PSV-05-120
PDV-05-120
120VCT @ 42mA
60V @ 84mA
Partial Selection Guide
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
53
VA
Part Number
Secondary
115V
115/230V
Series
Parallel
10
PSV-10-10
PDV-10-10
10VCT @ 1.0A
5V @ 2.0A
PSV-10-126
PDV-10-126
12.6VCT @ 800mA
6.3V @ 1.6A
PSV-10-16
PDV-10-16
16VCT @ 625mA
8V @ 1.25A
PSV-10-20
PDV-10-20
20VCT @ 500mA
10V @ 1.0A
PSV-10-24
PDV-10-24
24VCT @ 417mA
12V @ 834mA
PSV-10-28
PDV-10-28
28VCT @ 357mA
14V @ 714mA
PSV-10-36
PDV-10-36
36VCT @ 278mA
18V @ 556mA
PSV-10-48
PDV-10-48
48VCT @ 208mA
24V @ 416mA
PSV-10-56
PDV-10-56
56VCT @ 179mA
28V @ 357mA
PSV-10-120
PDV-10-120
120VCT @ 83mA
60V @ 166mA
15
PSV-15-10
PDV-15-10
10VCT @ 1.5A
5V @ 3.0A
PSV-15-126
PDV-15-126
12.6VCT @ 1.19A
6.3V @ 2.38A
PSV-15-16
PDV-15-16
16VCT @ 938mA
8V @ 1.88A
PSV-15-20
PDV-15-20
20VCT @ 750mA
10V @ 1.5A
PSV-15-24
PDV-15-24
24VCT @ 625mA
12V @ 1.25A
PSV-15-28
PDV-15-28
28VCT @ 536mA
14V @ 1.07A
PSV-15-36
PDV-15-36
36VCT @ 417mA
18V @ 834mA
PSV-15-48
PDV-15-48
48VCT @ 312mA
24V @ 624mA
PSV-15-56
PDV-15-56
56VCT @ 268mA
28V @ 536mA
PSV-15-120
PDV-15-120
120VCT @ 125mA
60V @ 250mA
24
PSV-24-10
PDV-24-10
10VCT @ 2.4A
5V @ 4.8A
PSV-24-126
PDV-24-126
12.6VCT @ 1.90A
6.3V @ 3.80A
PSV-24-16
PDV-24-16
16VCT @ 1.50A
8V @ 3.0A
PSV-24-20
PDV-24-20
20VCT @ 1.20A
10V @ 2.4A
PSV-24-24
PDV-24-24
24VCT @ 1.0A
12V @ 2.0A
PSV-24-28
PDV-24-28
28VCT @ 857mA
14V @ 1.714A
PSV-24-36
PDV-24-36
36VCT @ 667mA
18V @ 1.33A
PSV-24-48
PDV-24-48
48VCT @ 500mA
24V @ 1.0A
PSV-24-56
PDV-24-56
56VCT @ 429mA
28V @ 858mA
PSV-24-120
PDV-24-120
120VCT @ 200mA
60V @ 400mA
Any application, Any requirement, Contact us for our Custom Designs


Similar Part No. - PDV-05-126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Advanced Photonix, Inc.
PDV-C173SM ADVANCEDPHOTONIX-PDV-C173SM Datasheet
93Kb / 1P
   Photodiode in Plastic Surface Mount
PDV-P5001 ADVANCEDPHOTONIX-PDV-P5001 Datasheet
46Kb / 1P
   CdS Photoconductive Photocells
PDV-P5002 ADVANCEDPHOTONIX-PDV-P5002 Datasheet
47Kb / 1P
   CdS Photoconductive Photocells
PDV-P5003 ADVANCEDPHOTONIX-PDV-P5003 Datasheet
46Kb / 1P
   CdS Photoconductive Photocells
More results

Similar Description - PDV-05-126

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086HF BOTHHAND-16ST1086HF Datasheet
675Kb / 3P
   10/100 BASE-T TRANSFORMER (SMD) SMALL SIZE
logo
TE Connectivity Ltd
3520 TEC-3520 Datasheet
129Kb / 2P
   Small Size to Power Ratio
logo
Ohmite Mfg. Co.
250 OHMITE-250 Datasheet
360Kb / 3P
   Small size-to-power ratio.
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
logo
Murata Manufacturing Co...
BLM15HB121SZ1 MURATA1-BLM15HB121SZ1_V01 Datasheet
241Kb / 3P
   Small size: 1.0x0.5mm
Last updated06/30/2022
DLW21SH391XQ2 MURATA1-DLW21SH391XQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
logo
Skyworks Solutions Inc.
AAT1184 SKYWORKS-AAT1184 Datasheet
3Mb / 18P
   Small Solution Size
logo
Murata Manufacturing Co...
DLW21SH121HQ2 MURATA1-DLW21SH121HQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SN900HQ2 MURATA1-DLW21SN900HQ2_V01 Datasheet
392Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com