Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBMTS2200-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBMTS2200-HF
Description  Low Profile SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMTS2200-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBMTS2200-HF Datasheet HTML 1Page - Comchip Technology CDBMTS2200-HF Datasheet HTML 2Page - Comchip Technology CDBMTS2200-HF Datasheet HTML 3Page - Comchip Technology CDBMTS2200-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Continuous reverse voltage
RMS voltage
Maximum Forward rectified current
Maximum forward voltage
@ IF=2.0A
Ma
forward surge current
ximum
8.3ms single half sine-wave
superimposed on rated load
Maximum reverse
TJ=25°C
Reverse Voltage: 20 to 200 Volts
Forward Current: 2.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
CDBMTS220-HF Thru. CDBMTS2200-HF
Page 1
QW-JB031
Low Profile SMD Schottky Barrier Rectifiers
REV: A
Comchip Technology CO., LTD.
SOD-123S
VRRM
VR
VRMS
IO
VF
IFSM
IR
CJ
TJ
CDBMTS
220-HF
CDBMTS
240-HF
CDBMTS
260-HF
CDBMTS
280-HF
CDBMTS
2100-HF
20
20
14
40
40
28
60
60
42
2.0
0.70
50
0.5
20
80
80
56
100
100
70
V
V
V
A
V
A
mA
°C
0.50
0.92
Operating temperature
Storage temperature range
TSTG
-65 to +175
°C
-55 to +125
-55 to +150
160
P
F
CDBMTS
230-HF
30
30
21
CDBMTS
250-HF
50
50
35
TJ=100°C
Features
Mechanical data
-Case: Molded plastic, SOD-123S/MINI SMA
-Terminals: Solderable per MIL-STD-750, Method 2026.
-Polarity: Indicated by cathode band.
-Weight: 0.0155 grams approx.
-Mounting Position: any
-Epoxy: UL94-V0 rated flame retardant.
Halogen Free
-Low power loss,high efficiency.
-High current capability,low forward voltage drop.
-High surge capability.
-Guarding for overvoltage protection.
-Ultra high-speed switching.
-Excellent power dissipation offers better reverse
leakage current and thermal resistance.
-Low profile package is 40% thinner than standards
SOD-123.
-Silicon epitaxial planar chip,metal silicon junction.
-Lead-free part meets environmental standards of
MIL-STD-19500/228
CDBMTS
2150-HF
150
105
150
CDBMTS
2200-HF
200
140
200
(JEDEC methode)
Current (VR=VRRM)
0.85
Electrical Characteristics (at TA=25°C unless otherwise noted)
Typical diode Junction capacitance
(F=1MHz and applied 4V DC reverse voltage)
0.154(3.9)
0.138(3.5)
0.018(0.45) Typ.
0.079(2.0)
0.063(1.6)
0.041(1.05)
0.033(0.85)
0.032(0.8) Typ.
0.032(0.8) Typ.
0.037(0.95)
0.029(0.75)
0.119(3.0)
0.103(2.6)
0.009(0.22)
0.007(0.18)
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - CDBMTS2200-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMTS1100-HF COMCHIP-CDBMTS1100-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS1150-HF COMCHIP-CDBMTS1150-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS120-HF COMCHIP-CDBMTS120-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS1200-HF COMCHIP-CDBMTS1200-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS130-HF COMCHIP-CDBMTS130-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBMTS2200-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMT220-HF COMCHIP-CDBMT220-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF COMCHIP-CDBMT120-HF_12 Datasheet
98Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
ACDBMT140-HF COMCHIP-ACDBMT140-HF Datasheet
97Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF COMCHIP-CDBMT120-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT220-HF COMCHIP-CDBMT220-HF_12 Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF_1209 COMCHIP-CDBMT120-HF_1209 Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS120-HF COMCHIP-CDBMTS120-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com