Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT0750-H00 Datasheet(PDF) 1 Page - PowerVolt Inc.

Part # CT0750-H00
Description  Connection Diagram , Schematic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERVOLT [PowerVolt Inc.]
Direct Link  http://www.powervolt.com
Logo POWERVOLT - PowerVolt Inc.

CT0750-H00 Datasheet(HTML) 1 Page - PowerVolt Inc.

  CT0750-H00 Datasheet HTML 1Page - PowerVolt Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GROUP: F (QUEV)
Primary Voltage
: 600 , 575 , 550 VAC @ 50/60Hz ; Secondary Voltage : 120 , 115 , 110 VAC
Part
Number
VA
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CT0025-F00
25
3.000
3.750
2.750
2.500
1.750
3/8 x 13/64
1.94
CT0050-F00
50
3.000
3.563
2.750
2.500
2.250
3/8 x 13/64
2.72
CT0075-F00
75
3.000
3.750
2.750
2.500
2.438
3/8 x 13/64
3.10
CT0100-F00
100
3.000
3.750
2.750
2.500
2.625
3/8 x 13/64
3.26
CT0150-F00
150
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.82
CT0200-F00
200
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.92
CT0250-F00
250
4.125
4.313
3. 500
3.438
3.000
3/8 x 13/64
9.34
CT0300-F00
300
4.500
4.313
3.875
3.750
3.000
3/8 x 13/64
9.64
CT0350-F00
350
4.500
4.813
3.875
3.750
2.500
3/8 x 13/64
11.50
CT0500-F00
500
5.250
4.750
5.250
4.375
3.625
9/16 x 9/32
18.00
CT0750-F00
750
5.250
5.250
5.250
4.375
4.125
9/16 x 9/32
24.72
CT1000-F00
1000
6.375
5.125
6.125
5.313
3.750
9/16 x 9/32
25.74
CT1500-F00
1500
6.375
6.625
6.625
5.313
5.125
9/16 x 9/32
36.75
GROUP: G (LWEZ)
Primary Voltage : 380 , 415 VAC @ 50/60Hz ; Secondary Voltage : 110/220 , 110/220 VAC
Part
Number
VA
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CT0025-G00
25
3.000
3.750
2.750
2.500
1.750
3/8 x 13/64
1.94
CT0050-G00
50
3.000
3.563
2.750
2.500
2.250
3/8 x 13/64
2.72
CT0075-G00
75
3.000
3.750
2.750
2.500
2.438
3/8 x 13/64
3.10
CT0100-G00
100
3.000
3.750
2.750
2.500
2.625
3/8 x 13/64
3.26
CT0150-G00
150
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.82
CT0200-G00
200
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.92
CT0250-G00
250
4.125
4.313
3. 500
3.438
3.000
3/8 x 13/64
9.34
CT0300-G00
300
4.500
4.313
3.875
3.750
3.000
3/8 x 13/64
9.64
CT0350-G00
350
4.500
4.813
3.875
3.750
2.500
3/8 x 13/64
11.50
CT0500-G00
500
5.250
4.750
5.250
4.375
3.625
9/16 x 9/32
18.00
CT0750-G00
750
5.250
5.250
5.250
4.375
4.125
9/16 x 9/32
24.72
CT1000-G00
1000
6.375
5.125
6.125
5.313
3.750
9/16 x 9/32
25.74
CT1500-G00
1500
6.375
6.625
6.625
5.313
5.125
9/16 x 9/32
36.75
GROUP: H (KWEV)
Primary Voltage : 208 , 277 , 380 VAC @ 50/60Hz ; Secondary Voltage : 120 VAC
Part
Number
VA
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CT0025-H00
25
3.000
3.750
2.750
2.500
1.750
3/8 x 13/64
1.94
CT0050-H00
50
3.000
3.563
2.750
2.500
2.250
3/8 x 13/64
2.72
CT0075-H00
75
3.000
3.750
2.750
2.500
2.438
3/8 x 13/64
3.10
CT0100-H00
100
3.000
3.750
2.750
2.500
2.625
3/8 x 13/64
3.26
CT0150-H00
150
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.82
CT0200-H00
200
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.92
CT0250-H00
250
4.125
4.313
3. 500
3.438
3.000
3/8 x 13/64
9.34
CT0300-H00
300
4.500
4.313
3.875
3.750
3.000
3/8 x 13/64
9.64
CT0350-H00
350
4.500
4.813
3.875
3.750
2.500
3/8 x 13/64
11.50
CT0500-H00
500
5.250
4.750
5.250
4.375
3.625
9/16 x 9/32
18.00
CT0750-H00
750
5.250
5.250
5.250
4.375
4.125
9/16 x 9/32
24.72
CT1000-H00
1000
6.375
5.125
6.125
5.313
3.750
9/16 x 9/32
25.74
CT1500-H00
1500
6.375
6.625
6.625
5.313
5.125
9/16 x 9/32
36.75
300 Factory Road, Addison IL 60101
Phone: (630) 628-9999 Fax: (630) 628-9922 WWW.POWERVOLT.COM


Similar Part No. - CT0750-H00

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
CT0750-H00 POWERVOLT-CT0750-H00 Datasheet
165Kb / 1P
   Schematic
More results

Similar Description - CT0750-H00

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
CT0025-J00 POWERVOLT-CT0025-J00 Datasheet
119Kb / 1P
   Connection Diagram , Schematic
CT0025-A00 POWERVOLT-CT0025-A00 Datasheet
151Kb / 1P
   Connection Diagram , Schematic
logo
Rhombus Industries Inc.
T-759 RHOMBUS-IND-T-759 Datasheet
22Kb / 1P
   SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
14A1-RU ETC-14A1-RU Datasheet
1Mb / 7P
   SCHEMATIC DIAGRAM
logo
Rhombus Industries Inc.
T-531 RHOMBUS-IND-T-531 Datasheet
28Kb / 1P
   SCHEMATIC DIAGRAM
logo
Samsung semiconductor
CX-6840 SAMSUNG-CX-6840 Datasheet
2Mb / 10P
   SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
KX-T2365SU ETC1-KX-T2365SU Datasheet
198Kb / 2P
   SCHEMATIC DIAGRAM
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
STK-403-070 ETC1-STK-403-070 Datasheet
281Kb / 1P
   AMP SCHEMATIC DIAGRAM
logo
New Jersey Semi-Conduct...
BSS72 NJSEMI-BSS72 Datasheet
82Kb / 1P
   INTERNAL SCHEMATIC DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com