Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCD5581 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # PLCD5581
Description  Low Power 0.145??8-Character, 5x5 Dot Matrix Parallel Input Alphanumeric Intelligent Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PLCD5581 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button PLCD5581 Datasheet HTML 4Page - Siemens Semiconductor Group PLCD5581 Datasheet HTML 5Page - Siemens Semiconductor Group PLCD5581 Datasheet HTML 6Page - Siemens Semiconductor Group PLCD5581 Datasheet HTML 7Page - Siemens Semiconductor Group PLCD5581 Datasheet HTML 8Page - Siemens Semiconductor Group PLCD5581 Datasheet HTML 9Page - Siemens Semiconductor Group PLCD5581 Datasheet HTML 10Page - Siemens Semiconductor Group PLCD5581 Datasheet HTML 11Page - Siemens Semiconductor Group PLCD5581 Datasheet HTML 12Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2–140
PLCD5580/1/2/3/4
Control Word Format
Display Brightness
The display can be programmed to vary between blank, 13%, 20%, 27%, 40%, 53%, 80%, and
full brightness. Bits D0, D1 and D2 control the display brightness.
X= Don’t care
Flash RAM Function
Character Flash is controlled by FL pin, bit D0 and control word bit D3. Combination
of FL being low, proper digit address and D0 being high will write a flash bit into the
Flash RAM Register. In the control word mode when D3 is brought high, the above
mentioned character will flash.
Setting the Flash Bit
X=Don’t care A=Selected address
Character Flash Control Word
X=Don’t care B=Selected brightness
Display Blinking
Blinking function is independent of Flash function. When D4 is held high, entire display blinks at 2 Hz.
X=Don’t care B=Selected brightness
Lamp Test
Bit D6 when brought high will cause all the LEDs in all eight digits to light up at 53% brightness.
Selecting or de-selecting Lamp Test has no effect on the display memory.
X=Don’t care
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Display Brightness
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
100% Brightness
80% Brightness
53% Brightness
40% Brightness
27% Brightness
20% Brightness
13% Brightness
Blank Display
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
0
0
X
X
A
A
A
A
A
A
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Flash RAM disabled
Flash RAM enabled
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
1
1
0
0
X
X
X
X
X
X
0
0
0
0
X
X
0
0
0
1
B
B
B
B
B
B
Disable Flashing Char.
Enabled Flashing Char.
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
1
1
0
0
X
X
X
X
X
X
0
0
0
0
X
X
0
1
0
0
B
B
B
B
B
B
Display Blinking disabled
Display Blinking enabled
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
1
1
0
0
X
X
X
X
X
X
0
0
0
0
X
X
0
0
X
0
X
X
X
X
X
X
Lamp Test disabled
Lamp Test enabled


Similar Part No. - PLCD5581

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03 Datasheet
96Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
85Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PLCD5581

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
logo
Infineon Technologies A...
HDSP2000LP INFINEON-HDSP2000LP Datasheet
424Kb / 7P
   0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
April 4, 2000-11
logo
Siemens Semiconductor G...
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com