Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCD5580 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # PLCD5580
Description  Low Power 0.145??8-Character, 5x5 Dot Matrix Parallel Input Alphanumeric Intelligent Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PLCD5580 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  PLCD5580 Datasheet HTML 1Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 2Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 3Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 4Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 5Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 6Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 7Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 8Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2–135
PLCD5580/1/2/3/4
Top View
Pin Assignment
Cascading the PLCD558X Displays
Pin
Function
Pin
Function
1
RST
28
D7
2FL
27
D6
3A0
26
D5
4A1
25
D4
5A2
24
D3
6A3
23
D2
7
Substr. bias
22
No Pin
8
Substr. bias
21
No Pin
9
Substr. bias
20
D1
10
No Connect
19
D0
11
CLKSEL
18
No Connect
12
CLK I/O
17
CE
13
WR
16
GND (logic)
14
VCC
15
GND (supply)
114
28
15
WR
FL
RST CLK I/O CLKSEL
D0-D7 A0-A4
CE
Display
D0-D7 A0-A4
CE
Up to14 More Displays
in between
Address Decode Chip 1 to 14
Address
Data I/O
WR
FL
RST
VCC
A6
A7
A8
A9
Address
Decoder
WR
FL
RST CLK I/O CLKSEL
0
15
Display
TOP VIEW
Pin Function
Definition
1
RST
Used to initialize a display and synchro-
nize blinking for multiple displays
2FL
Low input accesses the Flash RAM
3
A0
Address input LSB
4
A1
Address input
5
A2
Address input MSB
6
A3
Mode selector
7
Substr. bias
Optional connection to VCC. Can’t be
used to supply power to display.
8
Substr. bias
See Definition 7
9
Substr. bias
See Definition 7
10
No connect
11
CLKSEL
Selects internal/external clock source
12
CLK I/O
Outputs master clock or inputs external
clock
13
WR
A low will write data into the display if CE
is low
14
VCC
Positive power supply input
15
GND
Analog Ground for LED drivers
16
GND
Digital Ground for internal drivers
17
CE
Enables access to the display
18
No connect
19
D0
Data input LSB
20
D1
Data input
21
No pin
22
No pin
23
D2
Data input
24
D3
Data input
25
D4
Data input
26
D5
Data input
27
D6
Data input
28
D7
Data input MSB, selects ROM, page 1
or 2


Similar Part No. - PLCD5580

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03 Datasheet
96Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
85Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PLCD5580

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
logo
Infineon Technologies A...
HDSP2000LP INFINEON-HDSP2000LP Datasheet
424Kb / 7P
   0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
April 4, 2000-11
logo
Siemens Semiconductor G...
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com