Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCD5580 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # PLCD5580
Description  Low Power 0.145??8-Character, 5x5 Dot Matrix Parallel Input Alphanumeric Intelligent Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PLCD5580 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  PLCD5580 Datasheet HTML 1Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 2Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 3Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 4Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 5Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 6Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 7Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 8Page - Siemens Semiconductor Group PLCD5580 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2–134
PLCD5580/1/2/3/4
Electrical Characteristics at 25
°C
Notes:
1. Average ICC measured at full brightness. Peak ICC=
58 x I
AVG ICC (# displayed).
2. Internal/external frequency duty factor is 50%.
Parameters
Limits
Conditions
Min.
Typ.
Max.
Units
VCC
4.5
5.0
5.5
V
ICC Blank
0.5
1.0
mA
VCC=5 V, VIN=5 V
ICC 8 digits
(1), 16 dots/character
240
290
mA
VCC=5 V, “#” displayed in all
eight digits
IIP Current
(with pull-up)
11
18
µAV
CC=5 V, VIN=0 V to VCC,
(WR, CE, FL, RST, ClkSel)
II Input leakage current
(without pull-up)
±1
µAV
CC=5 V, VIN=0 V to VCC,
(Clk I/O, A0–A3, D0–D7)
VIH Input Voltage High
2.0
VCC
+0.3
VVCC=4.5 V to 5.5 V
VIL Input Voltage Low
GND
–0.3
0.8
V
VCC=4.5 V to 5.5 V
VOL Output Voltage Low
(Clock Pin)
0.4
V
VCC=4.5 V to 5.5 V,
IOL=1.6 mA
VOH Output Voltage High
(Clock Pin)
2.4
V
VCC=4.5 V to 5.5 V,
IOH=40 µA
IOH Output Current High
(Clock I/O)
–0.9
mA
VCC=4.5 V, VOH=2.4 V
IOL Output Current Low
(Clock I/O)
1.6
2
mA
VCC=4.5 V, VOL=0.4 V
θ
JC Thermal Resistance,
Junction to Case
25
°C/W
Fext External Clock,
Input Frequency(2)
28
81.14
KHz
VCC=5.0 V, CLKSEL=0
Fosc Internal Clock,
Output Frequency(2)
28
81.14
KHz
VCC=5.0 V, CLKSEL=1
Clock I/O Buss Loading
240
pF
Clock Out Rise Time
500
ns
VCC=4.5 V, VOH=2.4 V
Clock Out Fall Time
500
ns
VCC=4.5 V, VOL=0.4 V
FM, Digit Multiplex Frequency
125
256
362.5
Hz
Blinking Rate
0.98
2
2.83
Hz


Similar Part No. - PLCD5580

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03 Datasheet
96Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
85Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PLCD5580

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
logo
Infineon Technologies A...
HDSP2000LP INFINEON-HDSP2000LP Datasheet
424Kb / 7P
   0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
April 4, 2000-11
logo
Siemens Semiconductor G...
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com