Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL15B31-000 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL15B31-000
Description  Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL15B31-000 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL15B31-000 Datasheet HTML 1Page - Wabash Transformer Inc. CL15B31-000 Datasheet HTML 2Page - Wabash Transformer Inc. CL15B31-000 Datasheet HTML 3Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Lead Wire Details:
Primary
Voltage
Secondary
Voltage
5 VA
Size - 3/4” X 1/2”
UL
10 VA
Size - 3/4” X 1/2”
UL
15VA
Size - 3/4” X 1/2”
UL
20 VA
Size - 3/4” X 5/8”
UL
30 VA
Size - 3/4" X 1.0”
UL
208/230
24Vct
CL05X00-0CT*
CL10A00-000*
-
CL15B00-000*
-
CL20C00-000*
CL30M00-000*
120
24
CL05X01-000*
CL10A01-000*
CL15B01-000*
-
CL20C01-000*
CL30M01-000*
-
24Vct
CL05X01-0CT*
-
-
-
-
12
CL05X11-000*
CL10A11-000*
CL15B11-000*
CL20C11-000*
CL30M11-000**
277
24
CL05X02-000*
CL10A02-000*
-
CL15B02-000*
-
CL20C02-000*
-
CL30M02-000*
-
24Vct
CL05X02-0CT*
-
-
-
-
120/208/240
24
CL05X03-000*
CL10A03-000*
-
CL15B03-000*
-
CL20C03-000*
-
CL30M03-000*
-
24Vct
CL05X03-0CT*
-
-
-
-
480
24
CL05X04-000*
-
CL10A04-000*
-
CL15B04-000*
-
CL20C04-000*
-
CL30M04-000*
-
600
24
CL05X06-000*
CL10A06-000*
-
CL15B06-000*
-
CL20C06-000*
-
CL30M06-000*
-
24Vct
CL05X06-0CT*
-
-
-
-
120/240
24
CL05X07-000*
CL10A07-000*
-
CL15B07-000*
-
CL20C07-000*
-
CL30M07-000*
-
24Vct
CL05X07-0CT*
-
-
-
-
380
24
CL05X09-000*
-
CL10A09-000*
-
-
CL20C09-000*
-
CL30M09-000*
-
240
24
CL05X40-000*
CL10A40-000*
-
CL10B40-000*
-
CL20C40-000*
-
CL30M40-000*
-
24Vct
CL05X40-0CT*
-
-
-
-
12
CL05X10-000*
CL10A10-000*
CL15B10-000*
CL20C10-000*
CL30M10-000**
208/240
24
CL05X15-000*
CL10A15-000*
-
CL15B15-000*
-
CL20C15-000*
-
CL30M15-000*
-
24Vct
CL05X15-0CT*
-
-
-
-
12
CL05X50-000*
CL10A50-000*
CL15B50-000*
CL20C50-000*
CL30M50-000**
415
24
CL05X16-000*
-
CL10A16-000*
-
-
CL20C16-000*
-
CL30M16-000*
-
380/415
24
CL05X17-000*
-
CL10A17-000*
-
-
CL20C17-000*
-
CL30M17-000*
-
575
24
CL05X21-000*
CL10A21-000*
-
CL15B21-000*
-
CL20C21-000*
-
CL30M21-000*
-
24Vct
CL05X21-0CT*
-
-
-
-
208/240/277
24
CL05X23-000*
CL10A23-000*
-
-
CL20C23-000*
-
CL30M23-000*
-
24Vct
CL05X23-0CT*
-
-
-
-
240/480
24
CL05X24-000*
-
CL10A24-000*
-
-
CL20C24-000*
-
CL30M24-000*
-
380/415/575
24
CL05X27-000*
-
CL10A27-000*
-
-
CL20C27-000*
-
CL30M27-000*
-
460
24
CL05X28-000*
-
CL10A28-000*
-
-
CL20C28-000*
-
CL30M28-000*
-
200/230
24
CL05X31-000*
CL10A31-000*
-
CL15B31-000*
-
CL20C31-000*
-
CL30M31-000*
-
24Vct
CL05X31-0CT*
-
-
-
-
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
9
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Any application, Any requirement, Contact us for our Custom Designs
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
** Non-Inherently Energy Limited (secondary fusing required).
Partial Selection Guide
Class 2 UL5085 -3 Transformer
5VA - 30VA, Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
Class 2
Continued...


Similar Part No. - CL15B31-000

ManufacturerPart #DatasheetDescription
logo
CHIPLINK SEMICONDUCTOR
CL1501 CHIPLINK-CL1501 Datasheet
371Kb / 9P
   Non-isolated step-down LED constant current driver
logo
RFHIC
CL1501-L RFHIC-CL1501-L Datasheet
603Kb / 8P
   Low Noise Amplifier
CL1501-L RFHIC-CL1501-L Datasheet
586Kb / 9P
   Low Noise Amplifier
logo
CHIPLINK SEMICONDUCTOR
CL1502 CHIPLINK-CL1502 Datasheet
341Kb / 9P
   Non-isolated step-down LED constant current driver
logo
RFHIC
CL1502-L RFHIC-CL1502-L Datasheet
256Kb / 5P
   Low Noise Amplifier
More results

Similar Description - CL15B31-000

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
   Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com