Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT91-21C-TR10 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # PT91-21C-TR10
Description  1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT91-21C-TR10 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button PT91-21C-TR10 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 9 of 10
Device No:DTT-091-032
Prepared date:08-02-2006
Prepared by:Jaine Tsai
PT91-21C/TR10
Package Dimensions
Loaded Quantity Per Reel 1000PCS/Reel
Unit :mm


Similar Part No. - PT91-21C-TR10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21C-TR7 EVERLIGHT-PT91-21C-TR7 Datasheet
249Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing?쒵ead
More results

Similar Description - PT91-21C-TR10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
PD95-21B EVERLIGHT-PD95-21B Datasheet
164Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Photodiode
EAPDSZ2120A0 EVERLIGHT-EAPDSZ2120A0 Datasheet
412Kb / 8P
   1.9mm Round Subminiature??Z-Bend??Lead Photodiode
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
PT91-21B-TR9 EVERLIGHT-PT91-21B-TR9 Datasheet
254Kb / 10P
   1.9mm Round Subminiature Yoke Lead Phototransistor
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
95-21SURC EVERLIGHT-95-21SURC_13 Datasheet
141Kb / 9P
   Technical Data Sheet 1.9mm Round Subminiature Z-bend Lead (Square Base)LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com