Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLT133-T7 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PLT133-T7
Description  Photolink- Fiber Optic Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLT133-T7 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PLT133-T7 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLT133-T7 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLT133-T7 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLT133-T7 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLT133-T7 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 1 of 5
Device NO.: DPL-133-012
Prepared date: 07-25-2005
Prepared By: Chin-Chia Hsu
Technical Data Sheet
Photolink- Fiber Optic Transmitter
PLT133/T7
Features
• High speed signal transmission(16Mbps NRZ Signal)
• TTL interface compatible
• +3~+5V single power source
• Pb Free
• The product itself will remain within RoHS compliant
version.
Descriptions
The opto-electrical component is assembled with
a 660nm AlGaInP LED and a driver IC. It
transforms the electrical signal to optical signal and
be transmitted by 1mm diameter plastic optical
fiber.
The component is operated at +3~+5V and has
good performance at low dissipation current, steady
light output and efficient light coupling.
Applications
• Digital audio equipment
• CD player
• DVD player
Device Selection Guide
Chip
Dissipation
Current (mA)
Fiber Coupling Light Output
(dBm)
Material
λp(nm)
Operating
Voltage
(Vcc)
Typ.
Max.
Min.
Typ.
Max.
AlGaInP
660
+3.0~5.0
5.5
10
-21
--
-15


Similar Part No. - PLT133-T7

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLT133-T EVERLIGHT-PLT133-T Datasheet
171Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T1 EVERLIGHT-PLT133-T1 Datasheet
121Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T10 EVERLIGHT-PLT133-T10 Datasheet
115Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T2 EVERLIGHT-PLT133-T2 Datasheet
135Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T5A EVERLIGHT-PLT133-T5A Datasheet
122Kb / 7P
   Photolink- Fiber Optic Transmitter
More results

Similar Description - PLT133-T7

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLT133-T2 EVERLIGHT-PLT133-T2 Datasheet
135Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T6 EVERLIGHT-PLT133-T6 Datasheet
106Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T8 EVERLIGHT-PLT133-T8 Datasheet
126Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T9 EVERLIGHT-PLT133-T9 Datasheet
108Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T5A EVERLIGHT-PLT133-T5A Datasheet
122Kb / 7P
   Photolink- Fiber Optic Transmitter
PLT133-T5P EVERLIGHT-PLT133-T5P Datasheet
112Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T1 EVERLIGHT-PLT133-T1 Datasheet
121Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T6A EVERLIGHT-PLT133-T6A Datasheet
114Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T10 EVERLIGHT-PLT133-T10 Datasheet
115Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T EVERLIGHT-PLT133-T Datasheet
171Kb / 5P
   Photolink- Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com